Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03024-013P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 03024-013P
Description  AEM’s High Reliability Ferrite Chip Beads
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

03024-013P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  03024-013P Datasheet HTML 1Page - List of Unclassifed Manufacturers 03024-013P Datasheet HTML 2Page - List of Unclassifed Manufacturers 03024-013P Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AEM , INC .
6610 Cobra Way, San Diego, CA 92121, USA
858.481.0210
www.aem-us a.com
AEM’s High Reliability Ferrite Chip Beads
AEM Part No.
DSCC Part No.
Impedance Ω
Max. Ω RDC
Max. Amps
0603
HRB0603S300P.500 . .
03024-001P
30
0.15
0.50
HRB0603S600P.500 . .
03024-002P
60
0.15
0.50
HRB0603S101P.400 . .
03024-003P
100
0.20
0.40
HRB0603S151P.400 . .
03024-004P
150
0.25
0.40
HRB0603S181P.400 . .
03024-005P
180
0.25
0.40
HRB0603S301P.200 . .
03024-006P
300
0.30
0.20
HRB0603S401P.200 . .
03024-007P
400
0.35
0.20
HRB0603S601P.200 . .
03024-008P
600
0.40
0.20
HRB0603S102P.200 . .
03024-009P
1000
0.60
0.20
0805
HRB0805S300P4.00 . .
03024-010P
30
0.02
4.00
HRB0805S500P2.00 . .
03024-011P
50
0.08
2.00
HRB0805S600P1.50 . .
03024-012P
60
0.15
1.50
HRB0805S700P1.50 . .
03024-013P
70
0.15
1.50
HRB0805S101P1.00 . .
03024-014P
100
0.20
1.00
HRB0805S121P1.00 . .
03024-015P
120
0.20
1.00
HRB0805S151P1.00 . .
03024-016P
150
0.20
1.00
HRB0805S221P1.00 . .
03024-017P
220
0.20
1.00
HRB0805S331P1.00 . .
03024-018P
330
0.25
1.00
HRB0805S471P1.00 . .
03024-019P
470
0.25
1.00
HRB0805S601P1.00 . .
03024-020P
600
0.30
1.00
HRB0805S102P1.00 . .
03024-021P
1000
0.40
1.00
1206
HRB1206S300P4.00 . .
03024-022P
30
0.01
4.00
HRB1206S500P3.00 . .
03024-023P
50
0.03
3.00
HRB1206S800P1.50 . .
03024-024P
80
0.10
1.50
HRB1206S121P1.50 . .
03024-025P
120
0.10
1.50
HRB1206S251P1.50 . .
03024-026P
250
0.10
1.50
HRB1206S501P1.00 . .
03024-027P
500
0.20
1.00
HRB1206S601P1.00 . .
03024-028P
600
0.30
1.00
Other Sizes and Values may be added by request
Chip Size
A
B
C
TERMINATION (BW)
EIA / EIAJ
Inch (mm)
Inch (mm)
Inch (mm)
Inch (mm)
0603/1608
0.063 ± 0.006
0.031 ± 0.006
0.031 ± 0.006
0.014 ± 0.006
(1.60 ± 0.15)
(0.80 ± 0.15)
(0.80 ± 0.15)
(0.36 ± 0.15)
0805/2012
0.079 ± 0.008
0.049 ± 0.008
0.035 ± 0.008
0.020 ± 0.010
(2.00 ± 0.20)
(1.25 ± 0.20)
(0.90 ± 0.20)
(0.51 ± 0.25)
1206/3216
0.126 ± 0.008
0.063 ± 0.008
0.043 ± 0.008
0.020 ± 0.010
(3.20 ± 0.20)
(1.60 ± 0.20)
(1.10 ± 0.20)
(0.51 ± 0.25)
Shape and Dimensions
Product Identification
(1) Series code: High Reliability Ferrite Chip Bead
(2) Chip size, EIA/EIAJ dimensions A x B
First 2 digits: A (“length) Last 2 digits: B (“width)
(3) Speed code: S = Standard
(4) Value code: Impedance (Ohms at 100 MHz)
The first two digits are significant. The last digit specifies zeros to
follow 300 = 30 Ohms
(5) Tolerance code: J = ±5%; K = ±10%; M = ±20%; P = ±25%
(6) Current value in Ampere (4.00 = 4A; .150 = 0.15A)
(7) Termination code: F = Sn/Pb solder plate;
G = Au plate
(8) Package Code: T = Tape & Reel;
B = Bulk
(9) Engineering Model (if applicable); no (EM) = Flight Model
HRB
0805
S
300
P
4.00
F
T
(EM)
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
January 2013



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com