Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03024-013P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 03024-013P
Description  AEM’s High Reliability Ferrite Chip Beads
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

03024-013P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  03024-013P Datasheet HTML 1Page - List of Unclassifed Manufacturers 03024-013P Datasheet HTML 2Page - List of Unclassifed Manufacturers 03024-013P Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Benefits
n
Sole source and first ever Defense Supply Center
Columbus (DSCC) approved ferrite chip bead
(tested to Drawing 03024)
n
Made in USA
n
Sn/Pb terminations (5%+ Pb, no tin whisker worries)
n
Designed and qualified as Hi-Rel
n
Complete material and process traceability
n
Meets all high reliability demands
Features
n
Operating temperature range of –55°C to +125°C
n
Tin whisker free (Sn/Pb or Au termination finish)
n
Reliable terminations (Ni barrier)
n
Groups A/B data are supplied with each shipment.
Group C inspection is optional.
n
Monolithic structure for closed magnetic path and high
reliability
n
Standard EIA/EIAJ chip sizes (0603, 0805, 1206)
Applications
n
Mission critical
n
Where replacement is not an option
n
Where pure tin terminations are prohibited
n
Down-hole and undersea
AEM’s High Reliability Ferrite Chip Beads
As the first and only DLA-approved ferrite chip bead
designed for high reliability use, the HRB Series
ferrite chip beads from AEM, Inc. are manufactured
in a AS9100 facility in San Diego, CA, providing
complete material and process traceability. All
components are manufactured with qualified
materials and process systems and tested to DSCC
drawing 03024.
The HRB Series beads are designed with mission
critical applications in mind. Capable of operating
in harsh environments and extreme temperatures,
these Hi-Rel chips are free of tin whiskers with
Sn/Pb or Au terminations. A variety of EIA/EIAJ
chip sizes are offered and feature nickel barrier
terminations with a solder plate finish to help
ensure a reliable solder joint.
AEM , INC .
6610 Cobra Way, San Diego, CA 92121, USA
858.481.0210
www.aem-us a.com
aerospace
aviation
military
medical
High Reliability Ferrite Chip Beads


Similar Part No. - 03024-013P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
03024101E3 VISHAY-03024101E3 Datasheet
181Kb / 9P
Aluminum Capacitors Axial Standard
24-Apr-12
03024221E3 VISHAY-03024221E3 Datasheet
181Kb / 9P
Aluminum Capacitors Axial Standard
24-Apr-12
03024479E3 VISHAY-03024479E3 Datasheet
181Kb / 9P
Aluminum Capacitors Axial Standard
24-Apr-12
More results

Similar Description - 03024-013P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
Ferrite Chip Beads
logo
Bourns Electronic Solut...
MU3261-121Y BOURNS-MU3261-121Y Datasheet
934Kb / 8P
High Impedance Chip Ferrite Beads
logo
Superworld Electronics
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
FERRITE CHIP BEADS
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
Chip Ferrite Beads
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
Ferrite Chip Beads
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com