Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP131 Datasheet(PDF) 1 Page - ON Semiconductor

Part # TIP131
Description  Darlington Complementary Silicon Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP131 Datasheet(HTML) 1 Page - ON Semiconductor

  TIP131 Datasheet HTML 1Page - ON Semiconductor TIP131 Datasheet HTML 2Page - ON Semiconductor TIP131 Datasheet HTML 3Page - ON Semiconductor TIP131 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 1
1
Publication Order Number:
TIP131/D
TIP131, TIP132 (NPN),
TIP137 (PNP)
Preferred Devices
Darlington Complementary
Silicon Power Transistors
Designed for general−purpose amplifier and low−speed switching
applications.
Features
• High DC Current Gain −
hFE = 2500 (Typ) @ IC
= 4.0 Adc
• Collector−Emitter Sustaining Voltage − @ 30 mAdc
VCEO(sus) = 80 Vdc (Min) − TIP131
= 100 Vdc (Min) − TIP132, TIP137
• Low Collector−Emitter Saturation Voltage −
VCE(sat) = 2.0 Vdc (Max) @ IC = 4.0 Adc
= 3.0 Vdc (Max) @ IC = 6.0 Adc
• Monolithic Construction with Built−In Base−Emitter Shunt Resistors
• Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
TIP131
TIP132
TIP137
Unit
Collector−Emitter Voltage
VCEO
80
100
Vdc
Collector−Base Voltage
VCB
80
100
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current − Continuous
Peak
IC
8.0
12
Adc
Base Current
IB
300
mAdc
Total Power Dissipation @ TC = 25_C
PD
70
W
Total Power Dissipation @ TA = 25_C
PD
2.0
W
Operating and Storage Junction,
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Case
RqJC
1.78
_C/W
Thermal Resistance,
Junction−to−Ambient
RqJA
63.5
_C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
TIP131
TO−220
TO−220AB
CASE 221A
STYLE 1
50 Units/Rail
Preferred devices are recommended choices for future use
and best overall value.
MARKING
DIAGRAM
DARLINGTON 8 AMPERE
COMPLEMENTARY SILICON
POWER TRANSISTORS
80−100 VOLTS, 70 WATTS
http://onsemi.com
1
2
3
4
TIP132
TO−220
50 Units/Rail
TIP137
TO−220
50 Units/Rail
TIP131G
TO−220
(Pb−Free)
50 Units/Rail
TIP132G
TO−220
(Pb−Free)
50 Units/Rail
TIP137G
TO−220
(Pb−Free)
50 Units/Rail
TIP13x
= Device Code
x
= 1, 2, or 7
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
TIP13xG
AYWW


Similar Part No. - TIP131

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP131 MOSPEC-TIP131 Datasheet
150Kb / 3P
POWER TRANSISTORS(8.0A,60-100V,70W)
logo
Power Innovations Ltd
TIP131 POINN-TIP131 Datasheet
141Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP131 STMICROELECTRONICS-TIP131 Datasheet
41Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-1995
logo
TRANSYS Electronics Lim...
TIP131 TEL-TIP131 Datasheet
72Kb / 2P
PLASTIC POWER TRANSISTORS
logo
Inchange Semiconductor ...
TIP131 ISC-TIP131 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results

Similar Description - TIP131

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com