Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP131 Datasheet(PDF) 2 Page - ON Semiconductor

Part # TIP131
Description  Darlington Complementary Silicon Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP131 Datasheet(HTML) 2 Page - ON Semiconductor

  TIP131 Datasheet HTML 1Page - ON Semiconductor TIP131 Datasheet HTML 2Page - ON Semiconductor TIP131 Datasheet HTML 3Page - ON Semiconductor TIP131 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIP131, TIP132 (NPN), TIP137 (PNP)
http://onsemi.com
2
Figure 1. Darlington Circuit Schematic
BASE
EMITTER
COLLECTOR
≈ 8.0 k
≈ 120
PNP
TIP137
BASE
EMITTER
COLLECTOR
≈ 8.0 k
≈ 120
NPN
TIP131
TIP132
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 30 mAdc, IB = 0)
TIP131
TIP132, TIP137
VCEO(sus)
80
100
−
−
Vdc
Collector Cutoff Current
(VCE = 40 Vdc, IB = 0)
TIP131
(VCE = 50 Vdc, IB = 0)
TIP132, TIP137
ICEO
−
−
0.5
0.5
mAdc
Collector Cutoff Current
(VCB = 80 Vdc, IE = 0)
TIP131
(VCB = 100 Vdc, IE = 0)
TIP132, TIP137
ICBO
−
−
0.2
0.2
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
−
5.0
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 1.0 Adc, VCE = 4.0 Vdc)
(IC = 4.0 Adc, VCE = 4.0 Vdc)
hFE
500
1000
−
15000
−
Collector−Emitter Saturation Voltage
(IC = 4.0 Adc, IB = 16 mAdc)
(IC = 6.0 Adc, IB = 30 mAdc)
VCE(sat)
−
−
2.0
3.0
Vdc
Base−Emitter On Voltage
(IC = 4.0 Adc, VCE = 4.0 Vdc)
VBE(on)
−
2.5
Vdc
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com