Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS32AC Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS32AC
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS32AC Datasheet(HTML) 1 Page - Texas Instruments

  AM26LS32AC Datasheet HTML 1Page - Texas Instruments AM26LS32AC Datasheet HTML 2Page - Texas Instruments AM26LS32AC Datasheet HTML 3Page - Texas Instruments AM26LS32AC Datasheet HTML 4Page - Texas Instruments AM26LS32AC Datasheet HTML 5Page - Texas Instruments AM26LS32AC Datasheet HTML 6Page - Texas Instruments AM26LS32AC Datasheet HTML 7Page - Texas Instruments AM26LS32AC Datasheet HTML 8Page - Texas Instruments AM26LS32AC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AM26LS32AC, AM26LS32AI, AM26LS33AC,
AM26LS32AM, AM26LS33AM
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS115D – OCTOBER 1980 – REVISED MARCH 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D AM26LS32A Devices Meet or Exceed the
Requirements of ANSI TIA/EIA-422-B,
TIA/EIA-423-B, and ITU Recommendations
V.10 and V.11
D AM26LS32A Devices Have ±7-V
Common-Mode Range With
±200-mV
Sensitivity
D AM26LS33A Devices Have ±15-V
Common-Mode Range With
±500-mV
Sensitivity
D Input Hysteresis . . . 50 mV Typical
D Operate From a Single 5-V Supply
D Low-Power Schottky Circuitry
D 3-State Outputs
D Complementary Output-Enable Inputs
D Input Impedance . . . 12 kΩ Min
D Designed to Be Interchangeable With
Advanced Micro Devices AM26LS32
 and
AM26LS33
description
The AM26LS32A and AM26LS33A devices are
quadruple differential line receivers for balanced
and unbalanced digital data transmission. The
enable function is common to all four receivers
and offers a choice of active-high or active-low
input. The 3-state outputs permit connection
directly to a bus-organized system. Fail-safe
design ensures that, if the inputs are open, the
outputs always are high.
Compared to the AM26LS32 and the AM26LS33, the AM26LS32A and AM26LS33A incorporate an additional
stage of amplification to improve sensitivity. The input impedance has been increased, resulting in less loading
of the bus line. The additional stage has increased propagation delay; however, this does not affect
interchangeability in most applications.
The AM26LS32AC and AM26LS33AC are characterized for operation from 0
°C to 70°C. The AM26LS32AI is
characterized for operation from –40
°C to 85°C. The AM26LS32AM and AM26LS33AM are characterized for
operation over the full military temperature range of –55
°C to 125°C.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
AM26LS32 and AM26LS33 are trademarks of Advanced Micro Devices, Inc.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
G
2Y
2A
2B
GND
VCC
4B
4A
4Y
G
3Y
3A
3B
AM26LS32AC . . . D, N, OR NS PACKAGE
AM26LS32AI, AM26LS33AC ...D OR N PACKAGE
AM26LS32AM, AM26LS33AM ...J PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
4Y
NC
G
3Y
1Y
G
NC
2Y
2A
AM26LS32AM, AM26LS33AM . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - AM26LS32AC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LS32AC TI-AM26LS32AC Datasheet
145Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC Datasheet
903Kb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC Datasheet
1,008Kb / 24P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC Datasheet
1,006Kb / 24P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC Datasheet
1Mb / 27P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - AM26LS32AC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175 Datasheet
152Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175_06 Datasheet
431Kb / 16P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI1-SN65175_15 Datasheet
1,010Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI1-SN55173_15 Datasheet
791Kb / 20P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com