Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS32AC Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS32AC
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS32AC Datasheet(HTML) 2 Page - Texas Instruments

  AM26LS32AC Datasheet HTML 1Page - Texas Instruments AM26LS32AC Datasheet HTML 2Page - Texas Instruments AM26LS32AC Datasheet HTML 3Page - Texas Instruments AM26LS32AC Datasheet HTML 4Page - Texas Instruments AM26LS32AC Datasheet HTML 5Page - Texas Instruments AM26LS32AC Datasheet HTML 6Page - Texas Instruments AM26LS32AC Datasheet HTML 7Page - Texas Instruments AM26LS32AC Datasheet HTML 8Page - Texas Instruments AM26LS32AC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AM26LS32AC, AM26LS32AI, AM26LS33AC,
AM26LS32AM, AM26LS33AM
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS115D – OCTOBER 1980 – REVISED MARCH 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
(each receiver)
DIFFERENTIAL
ENABLES
OUTPUT
A – B
G
G
Y
VID ≥ VIT
H
X
H
VID ≥ VIT+
X
LH
VIT ≤ VID ≤ VIT
H
X
?
VIT– ≤ VID ≤ VIT+
X
L?
VID ≤ VIT
H
X
L
VID ≤ VIT–
X
LL
X
L
H
Z
Open
H
X
H
Open
X
L
H
H = high level, L = low level, ? = indeterminate,
X = irrelevant, Z = high impedance (off)
logic diagram (positive logic)
4
12
2
1
3
6
7
5
10
9
11
14
15
13
G
G
1A
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com