Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT24C01 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT24C01
Description  1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C01 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT24C01 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C01 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C01 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C01 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C01 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C01 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C01 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C01 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C01 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CAT24C01/02/04/08/16
3
Doc No. 1115, Rev. C
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
A.C. CHARACTERISTICS(1)
VCC = 1.8 V to 5.5 V, TA = -40°C to 85°C.
Symbol
Parameter
Standard
Fast
Units
Min
Max
Min
Max
FSCL
Clock Frequency
100
400
kHz
tHD:STA
START Condition Hold Time
4
0.6
μs
tLOW
Low Period of SCL Clock
4.7
1.3
μs
tHIGH
High Period of SCL Clock
4
0.6
μs
tSU:STA
START Condition Setup Time
4.7
0.6
μs
tHD:DAT
Data In Hold Time
0
0
μs
tSU:DAT
Data In Setup Time
250
100
ns
tR
SDA and SCL Rise Time
1000
300
ns
tF(2)
SDA and SCL Fall Time
300
300
ns
tSU:STO
STOP Condition Setup Time
4
0.6
μs
tBUF
Bus Free Time Between STOP and START
4.7
1.3
μs
tAA
SCL Low to Data Out Valid
3.5
0.9
μs
tDH
Data Out Hold Time
100
100
ns
Ti(2)
Noise Pulse Filtered at SCL and SDA Inputs
100
100
ns
tSU:WP
WP Setup Time
0
0
μs
tHD:WP
WP Hold Time
2.5
2.5
μs
tWR
Write Cycle Time
5
5
ms
tPU(2, 3)
Power-up to Ready Mode
1
1
ms
Note:
(1) Test conditions according to “A.C. Test Conditions” table.
(2) Tested initially and after a design or process change that affects this parameter.
(3) tPU is the delay between the time VCC is stable and the device is ready to accept commands.
A.C. TEST CONDITIONS
Input Levels
0.2 x VCC to 0.8 x VCC
Input Rise and Fall Times
≤ 50 ns
Input Reference Levels
0.3 x VCC, 0.7 x VCC
Output Reference Levels
0.5 x VCC
Output Load
Current Source: IOL = 3 mA (VCC
≥ 2.5 V); IOL = 1 mA (VCC < 2.5 V); CL = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com