Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT24C01 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT24C01
Description  1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C01 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT24C01 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C01 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C01 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C01 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C01 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C01 Datasheet HTML 9Page - Catalyst Semiconductor CAT24C01 Datasheet HTML 10Page - Catalyst Semiconductor CAT24C01 Datasheet HTML 11Page - Catalyst Semiconductor CAT24C01 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CAT24C01/02/04/08/16
8
Doc. No. 1115, Rev. C
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
READ OPERATIONS
Immediate Read
Upon receiving a Slave address with the R/W bit set
to ‘1’, the CAT24Cxx will interpret this as a request for
data residing at the current byte address in memory.
The CAT24Cxx will acknowledge the Slave address,
will immediately shift out the data residing at the current
address, and will then wait for the Master to respond.
If the Master does not acknowledge the data (NoACK)
and then follows up with a STOP condition (Figure 9),
the CAT24Cxx returns to Standby mode.
Selective Read
Selective Read operations allow the Master device to
select at random any memory location for a read opera-
tion. The Master device first performs a ‘dummy’ write
operation by sending the START condition, slave ad-
dress and byte address of the location it wishes to read.
After the CAT24Cxx acknowledges the byte address,
the Master device resends the START condition and
the slave address, this time with the R/W bit set to one.
The CAT24Cxx then responds with its acknowledge and
sends the requested data byte. The Master device does
not acknowledge the data (NoACK) but will generate a
STOP condition (Figure 10).
Sequential Read
If during a Read session, the Master acknowledges the 1st
data byte, then the CAT24Cxx will continue transmitting
data residing at subsequent locations until the Master
responds with a NoACK, followed by a STOP (Figure
11). In contrast to Page Write, during Sequential Read
the address count will automatically increment to and
then wrap-around at end of memory (rather than end
of page). In the CAT24C01, the internal address count
will not wrap around at the end of the 128 byte memory
space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com