Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT25C01LITE13 Datasheet(PDF) 13 Page - Catalyst Semiconductor

Part # CAT25C01LITE13
Description  1K/2K/4K SPI Serial CMOS EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C01LITE13 Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT25C01LITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C01LITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C01LITE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C01LITE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C01LITE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT25C01LITE13 Datasheet HTML 12Page - Catalyst Semiconductor CAT25C01LITE13 Datasheet HTML 13Page - Catalyst Semiconductor CAT25C01LITE13 Datasheet HTML 14Page - Catalyst Semiconductor CAT25C01LITE13 Datasheet HTML 15Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Discontinued
Parts
13
CAT25C01, CAT25C02, CAT25C04
Doc. No. 1105, Rev. B
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Notes:
(1) The device used in the above example is a CAT25C04VI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 5.5 Volt Operating
Voltage, Tape & Reel)
ORDERING INFORMATION
Prefix
Device #
Suffix
25C04
V
I
TE13
Product
Number
25C04: 4K
25C02: 2K
25C01: 1K
Tape & Reel
Operating Voltage
Blank (VCC = 2.5V to 5.5V)
1.8 (VCC = 1.8V to 5.5V)
-1.8
CAT
Temperature Range
I = Industrial (-40
°C to +85°C)
Optional
Company ID
Package
L: PDIP (Lead-free, Halogen-free, NiPdAu lead plating)
V: SOIC, JEDEC (Lead-free, Halogen-free, NiPdAu lead plating)
Y: TSSOP (Lead-free, Halogen-free, NiPdAu lead plating)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com