Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT25C01LITE13 Datasheet(PDF) 14 Page - Catalyst Semiconductor

Part # CAT25C01LITE13
Description  1K/2K/4K SPI Serial CMOS EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C01LITE13 Datasheet(HTML) 14 Page - Catalyst Semiconductor

Back Button CAT25C01LITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C01LITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C01LITE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C01LITE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C01LITE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT25C01LITE13 Datasheet HTML 12Page - Catalyst Semiconductor CAT25C01LITE13 Datasheet HTML 13Page - Catalyst Semiconductor CAT25C01LITE13 Datasheet HTML 14Page - Catalyst Semiconductor CAT25C01LITE13 Datasheet HTML 15Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Discontinued
Parts
14
CAT25C01, CAT25C02, CAT25C04
Doc. No. 1105, Rev. B
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Notes:
(1) The circle on the package marking indicates the location of Pin 1.
8-Lead PDIP
PACKAGE MARKING
8-Lead SOIC
8-Lead TSSOP
CSI = Catalyst Semiconductor, Inc.
25C04L = Device Code
I = Temperature Range
YY = Production Year
WW = Production Week
C = Product Revision
VV = Voltage Range
1.8V - 5.5V = 18
2.5V - 5.5V = Blank
YYWWC
25C04LI
VV
CSI = Catalyst Semiconductor, Inc.
25C04V = Device Code
I = Temperature Range
YY = Production Year
WW = Production Week
C = Product Revision
VV = Voltage Range
1.8V - 5.5V = 18
2.5V - 5.5V = Blank
YYWWC
25C04VI
VV
YMCV
25Y04
Y = Production Year
M = Production Month
C = Die Revision
25Y04 = Device Code
I = Industrial Temperature Range
V = Voltage Range
1.8V - 5.5V = 8
2.5V - 5.5V = Blank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com