Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT25C64LSATE13 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT25C64LSATE13
Description  32K/64K-Bit SPI Serial CMOS EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C64LSATE13 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT25C64LSATE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C64LSATE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C64LSATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C64LSATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C64LSATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C64LSATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C64LSATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C64LSATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C64LSATE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
CAT25C32/64
Doc. No. 1001, Rev. G
FUNCTIONAL DESCRIPTION
The CAT25C32/64 supports the SPI bus data
transmission protocol. The synchronous Serial Peripheral
Interface (SPI) helps the CAT25C32/64 to interface
directly with many of today’s popular microcontrollers.
The CAT25C32/64 contains an 8-bit instruction register.
(The instruction set and the operation codes are detailed
in the instruction set table)
After the device is selected with
CS going low, the first
byte will be received. The part is accessed via the SI pin,
with data being clocked in on the rising edge of SCK.
The first byte contains one of the six op-codes that define
the operation to be performed.
PIN DESCRIPTION
SI: Serial Input
SI is the serial data input pin. This pin is used to input all
opcodes, byte addresses, and data to be written to the
25C32/64. Input data is latched on the rising edge of the
serial clock.
SO: Serial Output
SO is the serial data output pin. This pin is used to
transfer data out of the 25C32/64. During a read cycle,
data is shifted out on the falling edge of the serial clock.
SCK: Serial Clock
SCK is the serial clock pin. This pin is used to synchronize
Instruction
Opcode
Operation
WREN
0000 0110
Enable Write Operations
WRDI
0000 0100
Disable Write Operations
RDSR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register
READ
0000 0011
Read Data from Memory
WRITE
0000 0010
Write Data to Memory
INSTRUCTION SET
Figure 1. Sychronous Data Timing
Note: Dashed Line= mode (1, 1) — ———
VALID IN
VIH
VIL
tCSS
VIH
VIL
VIH
VIL
VOH
VOL
HI-Z
tSU
tH
tWH
tWL
tV
tCS
tCSH
tHO
tDIS
HI-Z
CS
SCK
SI
SO
tRI
tFI
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Power-Up Timing(1)(2)
Symbol
Parameter
Max.
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com