Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT25C64LSATE13 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT25C64LSATE13
Description  32K/64K-Bit SPI Serial CMOS EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C64LSATE13 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT25C64LSATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C64LSATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C64LSATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C64LSATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C64LSATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C64LSATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C64LSATE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C64LSATE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C64LSATE13 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
CAT25C32/64
Doc. No. 1001, Rev. G
Figure 7. WRSR Instruction Timing
Figure 6. Write Instruction Timing
Note: Dashed Line= mode (1, 1) – – – –
Note: Dashed Line= mode (1, 1) — — — —
SK
SI
SO
0
0
0
0
0
0
1
0
ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
012345678
21
22
23
24
25
26
27
28
29
30
31
CS
OPCODE
DATA IN
HIGH IMPEDANCE
0
1
2
345
67
8
10
911
12
13
14
SCK
SI
MSB
HIGH IMPEDANCE
DATA IN
15
SO
CS
7
6
5
4
3
2
10
00
0
00
0
0
1
OPCODE
Byte Write
Once the device is in a Write Enable state, the user
may proceed with a write sequence by setting the
CS
low, issuing a write instruction via the SI line, followed
by the 16-bit address (the three Most Significant Bits
are don’t care for 25C64 and four most significant bits
are don't care for 25C32), and then the data to be
written. Programming will start after the
CS is brought
high. Figure 6 illustrates byte write sequence.
During an internal write cycle, all commands will be
ignored except the RDSR (Read Status Register)
instruction.
The Status Register can be read to determine if the
write cycle is still in progress. If Bit 0 of the Status
Register is set at 1, write cycle is in progress. If Bit 0
is set at 0, the device is ready for the next instruction.
Page Write
The CAT25C32/64 features page write capability.
After the first initial byte the host may continue to write
up to 64 bytes of data to the CAT25C32/64. After each
byte of data is received, six lower order address bits
are internally incremented by one; the high order bits of
address will remain constant. The only restriction is that the
64 bytes must reside on the same page. If the address
counter reaches the end of the page and clock continues,
the counter will “roll over” to the first address of the page
and overwrite any data that may have been written. The
CAT25C32/64 is automatically returned to the write disable
state at the completion of the write cycle. Figure 8 illustrates
the page write sequence.
To write to the status register, the WRSR instruction should
be sent. Only Bit 2, Bit 3 and Bit 7 of the status register can
be written using the WRSR instruction. Figure 7 illustrates
the sequence of writing to status register.
DESIGN CONSIDERATIONS
The CAT25C32/64 powers up in a write disable state and
in a low power standby mode. A WREN instruction must be
issued to perform any writes to the device after power up.
Also,on power up
CS should be brought low to enter a ready
state and receive an instruction. After a successful byte/
page write or status register write the CAT25C32/64 goes
into a write disable mode.
CS must be set high after the



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com