Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT521 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT521
Description  Configured Digitally Programmable Potentiometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT521 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT521 Datasheet HTML 2Page - Catalyst Semiconductor CAT521 Datasheet HTML 3Page - Catalyst Semiconductor CAT521 Datasheet HTML 4Page - Catalyst Semiconductor CAT521 Datasheet HTML 5Page - Catalyst Semiconductor CAT521 Datasheet HTML 6Page - Catalyst Semiconductor CAT521 Datasheet HTML 7Page - Catalyst Semiconductor CAT521 Datasheet HTML 8Page - Catalyst Semiconductor CAT521 Datasheet HTML 9Page - Catalyst Semiconductor CAT521 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CAT521
7
Doc. No. 2003, Rev. F
Figure 3. Temporary Change in Output
the same as that which had been there previously no
change in the DPP’s output is noticed. Had the value
held in the control register been different from that stored
in non-volatile memory then a change would occur at the
read cycle’s conclusion.
TEMPORARILY CHANGE OUTPUT
The CAT521 allows temporary changes in the DPP’s
output to be made without disturbing the settings retained
in non-volatile memory.
This feature is particularly
useful when testing for a new output setting and allows
for user adjustment of preset or default values without
losing the original factory settings.
Figure 3 shows the control and data signals needed to
effect a temporary output change. DPP settings may be
changed as many times as required. The temporary
setting remains in effect long as CS remains high. When
CS returns low the DPP will return to the output value
stored in non-volatile memory.
When it is desired to save a new setting acquired using
this feature, the new value must be reloaded into the
DPP wiper control register prior to programming. This is
because the CAT521’s internal control circuitry discards
from the programming register the new data two clock
cycles after receiving it if no PROG signal is received.
Amplified DPP Output
APPLICATION CIRCUITS
Bipolar DPP Output
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
D0
D1
D2
D3
D4
D5
D6
D7
1
NEW DPP DATA
CURRENT DPP DATA
DO
DI
CS
PROG
DPP
OUTPUT
t
1
2
3
4
5
6
7
8
9
10
11
12
N
N+1 N+2
o
CURRENT
DPP VALUE
NON-VOLATILE
NEW
DPP VALUE
VOLATILE
CURRENT
DPP VALUE
NON-VOLATILE
RDY/BSY
MSB
LSB
1111
1111
—— (.98 VREF) + .01 VREF= .990 V
V
= +4.90V
1000
0000
—— (.98 VREF) + .01 VREF= .502 V
V
= +0.02V
0111
1111
—— (.98 VREF) + .01 VREF= .498 V
V
= -0.02V
0000
0001
—— (.98 VREF + .01 VREF = .014 V
V
= -4.86V
0000
0000
—— (.98 VREF) + .01 VREF = .010 V
V
= -4.90V
REF
IF
V
= 5V
REF
255
255
OUT
DPP INPUT
DPP OUTPUT
ANALOG
R = R
OUTPUT
REF
OUT
128
255
127
255
REF
OUT
1
255
REF
OUT
REF
OUT
0
255
VFS
= 0.99 V
V
= 0.01 V
ZERO
V
= ——— (V
- V
) + V
DPP
CODE
255
FS
ZERO
ZERO
GND
VDD
CONTROL
& DATA
+
–
OP 07
-15V
+15V
+5V
RR
i
F
For R =
I
RF
V
= 2V
-V
OUT
I
DPP
Vi
VOUT
VOUT =
VDPP (RI+RF)-VIRF
RI
VREFH
VREFL
CAT521
CAT521
GND
VDD
VREFH
VREFL
CONTROL
& DATA
+
–
OP 07
VOUT
-15V
+15V
+5V
RR
I
F
V
= (1 + –––) V
OUT
DPP
RF
RI



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com