Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT521 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT521
Description  Configured Digitally Programmable Potentiometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT521 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT521 Datasheet HTML 1Page - Catalyst Semiconductor CAT521 Datasheet HTML 2Page - Catalyst Semiconductor CAT521 Datasheet HTML 3Page - Catalyst Semiconductor CAT521 Datasheet HTML 4Page - Catalyst Semiconductor CAT521 Datasheet HTML 5Page - Catalyst Semiconductor CAT521 Datasheet HTML 6Page - Catalyst Semiconductor CAT521 Datasheet HTML 7Page - Catalyst Semiconductor CAT521 Datasheet HTML 8Page - Catalyst Semiconductor CAT521 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Doc. No. 2003, Rev. F
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
1
2
3
4
5
6
7
14
13
12
11
8
10
9
VDD
CLK
RDY/BSY
CS
DI
DO
PROG
VREFH
NC
VOUT
NC
NC
VREFL
GND
1
2
3
4
5
6
7
14
13
12
11
8
10
9
VDD
CLK
RDY/BSY
CS
DI
DO
PROG
VREFH
NC
VOUT
NC
NC
VREFL
GND
CAT521
Configured Digitally Programmable Potentiometer (DPP™):
Programmable Voltage Applications
FEATURES
s 8-bit DPP configured as a programmable
voltage source in DAC-like applications
s Buffered wiper output
s Non-volatile NVRAM memory wiper storage
s Output voltage range includes both supply rails
s 1 LSB accuracy, high resolution
s Serial Microwire-like interface
s Single supply operation: 2.7V - 5.5V
s Setting read-back without effecting outputs
APPLICATIONS
s Automated product calibration
s Remote control adjustment of equipment
s Offset, gain and zero adjustments in
self-calibrating and adaptive control systems
s Tamper-proof calibrations
s DAC (with memory) substitute
DESCRIPTION
The CAT521 is a 8-bit digitally-programmable
potentiometer (DPP™) configured for programmable
voltage and DAC-like applications. Intended for final
calibration of products such as camcorders, fax
machines and cellular telephones on automated high
volume production lines, it is also well suited for
self-calibrating systems and for applications where
equipment which requires periodic adjustment is either
difficult to access or in a hazardous environment.
The programmable DPP has an output voltage range
which includes both supply rails. The wiper is buffered
by a rail to rail op amp. The wiper setting, stored in
non-volatile NVRAM memory, is not lost when the
device is powered down and is automatically reinstated
when power is returned. The wiper can be dithered to
test new output values without effecting the stored
FUNCTIONAL DIAGRAM
PIN CONFIGURATION
settings and stored settings can be read back without
disturbing the DPP’s output.
The CAT521 is controlled with a simple 3-wire, Microwire-
like serial interface. A Chip Select pin allows several
devices to share a common serial interface.
Communication back to the host controller is via a single
serial data line thanks to the CAT521 Tri-Stated Data
Output pin. A RDY/
BSY output working in concert with
an internal low voltage detector signals proper operation
of the non-volatile NVRAM memory Erase/Write cycle.
The CAT521 is available in 0
°C to 70°C commercial and
-40
°C to 85°C industrial operating temperature ranges.
Both 14-pin plastic DIP and surface mount packages
are available.
DIP Package (P, L)
SOIC Package (J, W)
CAT521
CAT521
CAT521
ALO
GEN FR
TM
LEAD FREE
RDY/BSY
PROG
PROGRAM
CONTROL
DI
CS
CLK
SERIAL
DATA
OUTPUT
REGISTER
GND
V
DD
14
7
5
2
4
12
OUT
V
6
DO
8
9
31
+
SERIAL
CONTROL
NVRAM
WIPER
CONTROL
REGISTER
AND
V
REFH
VREFL


Similar Part No. - CAT521

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521 Datasheet
56Kb / 9P
8-Bit Digital POT With Independent Reference Inputs
CAT521 CATALYST-CAT521 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT521 CATALYST-CAT521 Datasheet
207Kb / 13P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
logo
ON Semiconductor
CAT521 ONSEMI-CAT521 Datasheet
213Kb / 13P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2003 Rev. I
logo
Catalyst Semiconductor
CAT521JITE13 CATALYST-CAT521JITE13 Datasheet
56Kb / 9P
8-Bit Digital POT With Independent Reference Inputs
More results

Similar Description - CAT521

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523 Datasheet
70Kb / 10P
Configured Digitally Programmable Potentiometer (DPP): Programmable Voltage Applications
CAT524 CATALYST-CAT524 Datasheet
90Kb / 12P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT525 CATALYST-CAT525 Datasheet
82Kb / 12P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT522 CATALYST-CAT522_04 Datasheet
85Kb / 11P
Configured Digitally Programmable Potentiometer
CAT523 CATALYST-CAT523_04 Datasheet
102Kb / 11P
Configured Digitally Programmable Potentiometer
CAT524 CATALYST-CAT524_04 Datasheet
105Kb / 13P
Configured Digitally Programmable Potentiometer
CAT525 CATALYST-CAT525_04 Datasheet
99Kb / 12P
Configured Digitally Programmable Potentiometer
CAT522 CATALYST-CAT522_07 Datasheet
236Kb / 15P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT522_0710 CATALYST-CAT522_0710 Datasheet
237Kb / 15P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
logo
ON Semiconductor
CAT521 ONSEMI-CAT521 Datasheet
213Kb / 13P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2003 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com