Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29DW128F Datasheet(PDF) 21 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M29DW128F_06 Datasheet HTML 17Page - STMicroelectronics M29DW128F_06 Datasheet HTML 18Page - STMicroelectronics M29DW128F_06 Datasheet HTML 19Page - STMicroelectronics M29DW128F_06 Datasheet HTML 20Page - STMicroelectronics M29DW128F_06 Datasheet HTML 21Page - STMicroelectronics M29DW128F_06 Datasheet HTML 22Page - STMicroelectronics M29DW128F_06 Datasheet HTML 23Page - STMicroelectronics M29DW128F_06 Datasheet HTML 24Page - STMicroelectronics M29DW128F_06 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
M29DW128F
Bus operations
21/94
Table 6.
Bus operations, 16-bit mode(1)
Operation
E
G
W
RP
VPP/
WP
Address Inputs
Data Inputs/Outputs
A22-A0
DQ15A-1, DQ14-DQ0
Bus Read
VIL
VIL
VIH
VIH
VIH
Cell Address
Data Output
Bus Write
VIL
VIH
VIL
VIH
VIH
Command Address
Data Input
Output Disable
X
VIH
VIH
VIH
VIH
XHi-Z
Standby
VIH
XX
VIH
VIH
XHi-Z
1.
X = VIL or VIH.
Table 7.
Read Electronic Signature, 16-bit mode(1)
Read Cycle
E
G
W
Address Inputs
Data Inputs/Outputs
A22-
A10
A9
A8
A7-
A6
A5-
A4
A3
A2
A1
A0
DQ15A-1, DQ14-DQ0
Manufacturer Code
VIL
VIL
VIH
XVID
XVIL
XVIL
VIL
VIL
VIL
0020h
Device Code (Cycle 1)
VIL
VIL
VIL
VIL
VIH
227Eh
Device Code (Cycle 2)
VIH
VIH
VIH
VIL
2220h
Device Code (Cycle 3)
VIH
VIH
VIH
VIH
2200h
1.
X = VIL or VIH.
Table 8.
Block Protection, 16-bit mode(1)
Operation
E
G
W
RP
VPP/
WP
Address Inputs
Data Inputs/Outputs
A22-
A12
A11-
A10
A9
A8
A7
A6
A5-
A4
A3-
A2
A1
A0
DQ15A-1, DQ14-DQ0
Verify Extended
Block Indicator
(bits DQ6, DQ7)
VIL VIL VIH VIH
VIH
BA
XVID
X
X
VIL
X
VIL VIH
VIH
0080h
(Customer Lockable)
00C0h
(Customer Locked)(2)
Verify Block
Protection Status
BKA
VIL
VIL
VIL
0001h (protected)
0000h (unprotected)
Temporary Block
Unprotect (3)
XX
X
VID
X
Valid
Data Input
1.
X = VIL or VIH. BKA Bank Address, BA Any Address in the Block.
2.
This indicates the protection status of the second section of the Extended Block; the first section of the Extended Block
being always Factory Locked.
3.
The RP pin unprotects all the blocks that have been previously protected using a High Voltage protection Technique.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com