Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29DW128F Datasheet(PDF) 39 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M29DW128F_06 Datasheet HTML 35Page - STMicroelectronics M29DW128F_06 Datasheet HTML 36Page - STMicroelectronics M29DW128F_06 Datasheet HTML 37Page - STMicroelectronics M29DW128F_06 Datasheet HTML 38Page - STMicroelectronics M29DW128F_06 Datasheet HTML 39Page - STMicroelectronics M29DW128F_06 Datasheet HTML 40Page - STMicroelectronics M29DW128F_06 Datasheet HTML 41Page - STMicroelectronics M29DW128F_06 Datasheet HTML 42Page - STMicroelectronics M29DW128F_06 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
M29DW128F
Command interface
39/94
6.2.10
Unlock Bypass Program command
The Unlock Bypass Program command can be used to program one address in the memory array at a
time. The command requires two Bus Write operations, the final write operation latches the address and
data and starts the Program/Erase Controller.
The Program operation using the Unlock Bypass Program command behaves identically to the Program
operation using the Program command. The operation cannot be aborted, a Bus Read operation to the
Bank where the command was issued outputs the Status Register. See the Program command for details
on the behavior.
6.2.11
Unlock Bypass Reset command
The Unlock Bypass Reset command can be used to return to Read/Reset mode from Unlock Bypass
mode. Two Bus Write operations are required to issue the Unlock Bypass Reset command. Read/Reset
command does not exit from Unlock Bypass mode.
Table 13.
Fast Program Commands, 8-bit mode(1)
Command
Bus Write operations
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Write to Buffer
and Program
N
+
5
AAA
AA
555
55
BA
25
BA
N(2)
PA
(3)
PD
WBL
(4)
PD
Write to Buffer
and Program
Abort and
Reset
3
AAA
AA
555
55
AAA
F0
Write to Buffer
and Program
Confirm
1
BA
(5)
29
Double byte
Program
3
AAA
50
PA0
PD0
PA1
PD1
Quadruple byte
Program
5
AAA
56
PA0
PD0
PA1
PD1
PA2
PD2
PA3
PD3
Octuple byte
Program
9
AAA
8B
PA0
PD0
PA1
PD1
PA2
PD2
PA3
PD3
PA4
PD4
PA5
PD5
PA6
PD6
PA7
PD7
Unlock Bypass
3
AAA
AA
555
55
AAA
20
Unlock Bypass
Program
2X
A0
PA
PD
Unlock Bypass
Reset
2X
90
X
00
1.
X Don’t Care, PA Program Address, PD Program Data, BA Any address in the Block, BKA Bank Address, WBL Write Buffer Location. All
values in the table are in hexadecimal.
2.
The maximum number of cycles in the command sequence is 68. N+1 is the number of bytes to be programmed during the Write to Buffer
and Program operation.
3.
Each buffer has the same A5-A22 addresses. A0-A4 and A-1 are used to select a byte within the N+1 byte page.
4.
The 6th cycle has to be issued N time. WBL scans the byte inside the page.
5.
BA must be identical to the address loaded during the Write to buffer and Program 3rd and 4th cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com