Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV83X8F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV83X8F
Description  TV sound processor with analog broadcast demodulator for BTSC standards
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV83X8F Datasheet(HTML) 1 Page - STMicroelectronics

  STV83X8F Datasheet HTML 1Page - STMicroelectronics STV83X8F Datasheet HTML 2Page - STMicroelectronics STV83X8F Datasheet HTML 3Page - STMicroelectronics STV83X8F Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
December 2006
Rev 1
1/4
4
STV83x8
TV sound processor with analog broadcast demodulator
for BTSC standards
Features
■ 24-bit Digital signal processor
■ 48kHz processing
■ Fully automatic multi-standard demodulation
–
M / N standards
–
FM mono
– BTSC (US MTS) stereo and SAP
standards
■ Audio delay
–
100ms embedded
–
external delay support (through I²S) with or
without the internal delay activated
–
independent delay on headphone and
loudspeaker channels
■ Digital interfaces
–
1 x I²S asynchronous interface for stereo or
downmix with sample rate converter up to
48kHz
–
1 x I²S synchronous interface which supports
from stereo up to multichannel 5.1 and downmix
inputs
–
1 x I²S output support from stereo up to 5.1
speakers
–
SPDIF output and pass-thru with integrated
switch
■ Analog interfaces
–
5 stereo inputs
–
1 mono input
–
3 independent stereo outputs driving up to 5.1
multichannel
–2 VRMS capability for SCART standard
compliance
–
pass-through mode
■ Acoustical compensation
–
3-band parametric equalizer with frequency,
gain and Q control
–
5-band equalizer
–ST DynamicBass
–
bass management
■ Dolby Prologic
®I and II
■ Sound processing
–
anti-clipping
–
independent volume / balance for loudspeakers
and headphone
–
Smart Volume Control (SVC)
–
5-band equalizer
–
loudness
–
headphone: Smart Volume Control (SVC), bass-
treble with anti-clipping, loudness, ST Dynamic
Bass and SRS
® TruBass™
–
beeper: 72 tones, 3 natural sounds
■ ST royalty-free processing:
–
ST OmniSurround
( Virtual Dolby® Surround
and Virtual Dolby
® Digital compliant)
–
ST Dynamic Bass
–ST Voice
■ SRS
®
–SRS WOW
™
–SRS
® TruSurround XT™ &XT 5.1 digital™
–SRS
® TruSurround HD
■ Software compatible with STV83x7
■ Hardware pin to pin compatible with STV83x7
” 2004 SRS Labs, Inc. All rights reserved, SRS and
the SRS logo are registered trademarks of SRS Labs, Inc.
“Dolby”, “Pro Logic”, and the double-D symbol are trademarks of
Dolby Laboratories
LQFP100 and LQFP80 Package
®
ST
V8
3x
8
www.st.com


Similar Part No. - STV83X8F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV83X7 STMICROELECTRONICS-STV83X7 Datasheet
99Kb / 4P
TV sound processor with analog broadcast demodulator for A2 and NICAM standards
21-Dec-2006
STV83X7F STMICROELECTRONICS-STV83X7F Datasheet
99Kb / 4P
TV sound processor with analog broadcast demodulator for A2 and NICAM standards
21-Dec-2006
More results

Similar Description - STV83X8F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TBA120U PHILIPS-TBA120U Datasheet
93Kb / 9P
Sound I.F. amplifier/demodulator for TV
March 1986
logo
STMicroelectronics
STV8203 STMICROELECTRONICS-STV8203 Datasheet
192Kb / 31P
MULTISTANDARD TV SOUND DEMODULATOR
Jan-1999
logo
Toshiba Semiconductor
TA1230Z TOSHIBA-TA1230Z Datasheet
490Kb / 12P
TV SOUND MULTIPLEX BROADCAST DEMODULATOR IC FOR EIAJ SYSTEM
TA8874Z TOSHIBA-TA8874Z Datasheet
450Kb / 14P
SOUND MULTIPLEX BROADCAST DEMODULATOR IC FOR DOMESTIC TV/VTR
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
Multistandard TV Audio Processor and Digital Sound Demodulator
May-2004
STV8206 STMICROELECTRONICS-STV8206 Datasheet
1Mb / 97P
Multistandard TV Audio Processor and Digital Sound Demodulator
25-Feb-2005
STV83X7 STMICROELECTRONICS-STV83X7 Datasheet
99Kb / 4P
TV sound processor with analog broadcast demodulator for A2 and NICAM standards
21-Dec-2006
logo
Toshiba Semiconductor
TA8874Z TOSHIBA-TA8874Z_01 Datasheet
221Kb / 14P
SOUND MULTIPLEX BROADCAST DEMODULATOR IC FOR DOMESTIC TV / VTR
logo
Analog Devices
ADAV4622 AD-ADAV4622 Datasheet
50Kb / 2P
Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
Rev. Sp0
ADAV4622BSTZ AD-ADAV4622BSTZ Datasheet
711Kb / 28P
Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
REV. B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com