Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH173ID Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSH173ID
Description  Triple video buffer with filter for SD video
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH173ID Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSH173ID Datasheet HTML 2Page - STMicroelectronics TSH173ID Datasheet HTML 3Page - STMicroelectronics TSH173ID Datasheet HTML 4Page - STMicroelectronics TSH173ID Datasheet HTML 5Page - STMicroelectronics TSH173ID Datasheet HTML 6Page - STMicroelectronics TSH173ID Datasheet HTML 7Page - STMicroelectronics TSH173ID Datasheet HTML 8Page - STMicroelectronics TSH173ID Datasheet HTML 9Page - STMicroelectronics TSH173ID Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
TSH173
6/13
Figure 7.
Quiescent current vs. supply
Figure 8.
Isink and Isource
0123456
0
5
10
15
20
25
30
Vcc (V)
12
34
-40
-20
0
20
40
60
80
Vcc=+5V
Vin=+0.5V DC
Vout is fixed by a generator
Vout (V)
Figure 9.
Supply current vs. Tamb
Figure 10.
Output DC shift vs. Tamb
-40
-20
0
2040
6080
17
18
19
20
21
22
23
24
25
Vcc=+5V
no Load
Ambient Temperature (°C)
-40
-20
0
2040
6080
0.80
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
Vcc=+5V
Load=150
Ω
Temperature (°C)
Figure 11.
Voltage gain vs. Tamb
Figure 12.
-1dB bandwidth vs. Tamb
-40
-20
0
2040
6080
5.4
5.6
5.8
6.0
6.2
6.4
6.6
Vcc=+5V
Load=150
Ω
Ambient Temperature (°C)
-40
-20
0
20406080
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
Vin=1Vp-p
Vin=100mVp-p
Vcc=5V
Load=150
Ω
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com