Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH173ID Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH173ID
Description  Triple video buffer with filter for SD video
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH173ID Datasheet(HTML) 3 Page - STMicroelectronics

  TSH173ID Datasheet HTML 1Page - STMicroelectronics TSH173ID Datasheet HTML 2Page - STMicroelectronics TSH173ID Datasheet HTML 3Page - STMicroelectronics TSH173ID Datasheet HTML 4Page - STMicroelectronics TSH173ID Datasheet HTML 5Page - STMicroelectronics TSH173ID Datasheet HTML 6Page - STMicroelectronics TSH173ID Datasheet HTML 7Page - STMicroelectronics TSH173ID Datasheet HTML 8Page - STMicroelectronics TSH173ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TSH173
Absolute maximum ratings
3/13
1
Absolute maximum ratings
2
Operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values, except differential voltage, are with respect to network terminal.
6V
Toper
Operating free air temperature range
-40 to +85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthjc
SO8 thermal resistance junction to case
28
°C/W
Rthja
SO8 thermal resistance junction to ambient area
157
°C/W
Pmax.
Maximum power dissipation (@Tamb=25°C) for
Tj=150°C
800
mW
ESD
CDM: charged device model
HBM: human body model
MM: machine model
1.5
2
200
kV
kV
V
Output short-circuit
(2)
2.
An output current limitation protects the circuit from transient currents. Short-circuits can cause excessive
heating. Destructive dissipation can result from short-circuits on amplifiers.
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Power supply voltage
4.5 to 5.5(1)
1.
Tested in full production at 0V/5V single power supply.
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com