Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH173IDT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH173IDT
Description  Triple video buffer with filter for SD video
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH173IDT Datasheet(HTML) 4 Page - STMicroelectronics

  TSH173IDT Datasheet HTML 1Page - STMicroelectronics TSH173IDT Datasheet HTML 2Page - STMicroelectronics TSH173IDT Datasheet HTML 3Page - STMicroelectronics TSH173IDT Datasheet HTML 4Page - STMicroelectronics TSH173IDT Datasheet HTML 5Page - STMicroelectronics TSH173IDT Datasheet HTML 6Page - STMicroelectronics TSH173IDT Datasheet HTML 7Page - STMicroelectronics TSH173IDT Datasheet HTML 8Page - STMicroelectronics TSH173IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
TSH173
4/13
3
Electrical characteristics
Table 3.
VCC = +5V single supply, load: RL = 150Ω, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC performance
VDC
Output DC shift
0.6
0.9
1.2
V
-40°C < Tamb < +85°C
0.95
Iib
Input bias current
VCC=+5V, Vicm=100mV
3
6
µA
-40°C < Tamb < +85°C
5
PSRR
Power supply rejection ratio
20 log (
∆Vcc/∆Vout)
VCC=+5V,
∆VCC=200mVp-p, F=1MHz
(without any improvement of the
power supply noise rejection)
37
dB
ICC
Supply current per channel
Vicm=100mV, no load
7.4
9
mA
-40°C < Tamb < +85°C
8
G
DC voltage gain
1.9522.05
V/V
-40°C < Tamb < +85°C
1.95
GM
Gain matching
0.5
2
%
VOH
High level output voltage
3.3
3.8
V
VOL
Low level output voltage
210
mV
IOUT
Isink
Vin=0.5V DC
Vout is fixed by a generator at 2.5V
25
34
mA
Isource
Vin=0.5V DC
Vout is fixed by a generator at 1V
-28
-38
Dynamic performance (5th order filter)
FC-SD
-3dB bandwidth
Small signal
8.2
MHz
-1dB bandwidth
Small signal
Large signal (Vout=2Vp-p)
5.5
5
6.5
6.3
Fatt
Filter attenuation
Small signal, F=27MHz
40
50
dB
Flatness
Gain flatness along a 4.5MHz
band
10kHz to 4.5MHz
Vout=2Vp-p
+/-0.1
dB
gd
Group delay
0 to 6MHz
17
ns
D
Delay between each channel
0 to 6MHz
0.5
ns
dG
Differential gain
0.6
%
dPh
Differential phase
0.15
°
Noise
SNR
Signal-to-noise ratio
Bw = 10kHz to 6MHz
62
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com