Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH173IDT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSH173IDT
Description  Triple video buffer with filter for SD video
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH173IDT Datasheet(HTML) 5 Page - STMicroelectronics

  TSH173IDT Datasheet HTML 1Page - STMicroelectronics TSH173IDT Datasheet HTML 2Page - STMicroelectronics TSH173IDT Datasheet HTML 3Page - STMicroelectronics TSH173IDT Datasheet HTML 4Page - STMicroelectronics TSH173IDT Datasheet HTML 5Page - STMicroelectronics TSH173IDT Datasheet HTML 6Page - STMicroelectronics TSH173IDT Datasheet HTML 7Page - STMicroelectronics TSH173IDT Datasheet HTML 8Page - STMicroelectronics TSH173IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TSH173
Electrical characteristics
5/13
Figure 1.
Frequency response
Figure 2.
Gain flatness
100k
1M
10M
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
Vcc=+5V
Small signal
Vicm=0.5V
Load=150
Ω
Frequency (Hz)
100k
1M
10M
5.5
5.6
5.7
5.8
5.9
6.0
6.1
6.2
6.3
6.4
6.5
Vcc=+5V
Vin=1Vp-p
Vicm=0.5V
Load=150
Ω
Frequency (Hz)
Figure 3.
Total input noise vs. frequency
Figure 4.
Distortion on 150
Ω load
100
1k
10k
100k
1M
10M
0
100
200
300
400
500
No load
Input to GND
Vcc=+5V
Frequency (Hz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-100
-90
-80
-70
-60
-50
-40
-30
HD3
HD2
Vcc=+5V
Vicm=0.5V
F=1MHz
Load=150
Ω
Output Amplitude (Vp-p)
Figure 5.
Cross-talk vs. frequency
Figure 6.
Output voltage swing vs. supply
100k
1M
10M
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
Vcc=+5V
Load=150
Ω
Vin=1Vp-p
Vicm=+0.5V
Frequency (Hz)
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
F=1MHz
Vicm=+0.5V
Load=150
Ω
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com