Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8C5H30L Datasheet(PDF) 3 Page - STMicroelectronics

Part # S8C5H30L
Description  N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S8C5H30L Datasheet(HTML) 3 Page - STMicroelectronics

  S8C5H30L Datasheet HTML 1Page - STMicroelectronics S8C5H30L Datasheet HTML 2Page - STMicroelectronics S8C5H30L Datasheet HTML 3Page - STMicroelectronics S8C5H30L Datasheet HTML 4Page - STMicroelectronics S8C5H30L Datasheet HTML 5Page - STMicroelectronics S8C5H30L Datasheet HTML 6Page - STMicroelectronics S8C5H30L Datasheet HTML 7Page - STMicroelectronics S8C5H30L Datasheet HTML 8Page - STMicroelectronics S8C5H30L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STS8C5H30L
Electrical ratings
3/14
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
N-channel
P-channel
VDS
Drain-source voltage (vgs = 0)
30
V
VGS
Gate- source voltage
±16
±16
V
ID
Drain current (continuos) at TC = 25°C
single operating
84.2
A
ID
Drain current (continuos) at TC = 100°C
single operating
6.4
3.1
A
IDM
(1)
1.
Pulse width limited by safe operating area
For the P-channel MOSFET actual polarity of voltages and current has to be reversed
Drain current (pulsed)
32
16.8
A
PTOT
Total dissipation at TC = 25°C dual operating
Total dissipation at TC = 25°C single operating
1.6
2
W
W
Tstg
Storage temperature
-55 to 150
°C
Tj
Operating junction temperature
150
°C
Table 2.
Thermal data
Rthj-a
Thermal resistance junction-ambient single
operating
Thermal resistance junction-ambient dual
operating
62.5
78
°C/W
°C/W
Tl
Maximum lead temperature for soldering purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com