Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8C5H30L Datasheet(PDF) 4 Page - STMicroelectronics

Part # S8C5H30L
Description  N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S8C5H30L Datasheet(HTML) 4 Page - STMicroelectronics

  S8C5H30L Datasheet HTML 1Page - STMicroelectronics S8C5H30L Datasheet HTML 2Page - STMicroelectronics S8C5H30L Datasheet HTML 3Page - STMicroelectronics S8C5H30L Datasheet HTML 4Page - STMicroelectronics S8C5H30L Datasheet HTML 5Page - STMicroelectronics S8C5H30L Datasheet HTML 6Page - STMicroelectronics S8C5H30L Datasheet HTML 7Page - STMicroelectronics S8C5H30L Datasheet HTML 8Page - STMicroelectronics S8C5H30L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STS8C5H30L
4/14
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown voltage
ID = 250 µA, VGS = 0
n-ch
p-ch
30
30
V
V
IDSS
Zero gate voltage
Drain current (VGS = 0)
VDS = Max rating
n-ch
1
µA
VDS=Max rating,
TC=125°C
p-ch
10
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ±16V
VGS = ±16V
n-ch
p-ch
±100
±100
nA
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
n-ch
p-ch
1
11.6
2.5
V
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 4A
VGS = 10V, ID = 2.5A
VGS = 4.5V, ID = 4A
VGS = 4.5V, ID = 2.5A
n-ch
p-ch
n-ch
p-ch
0.018
0.045
0.020
0.070
0.022
0.055
0.025
0.075
Ω
Ω
Ω
Ω
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5.
Forward transconductance
VDS = 15V, ID= 4A
VDS = 15V, ID= 2.5A
n-ch
p-ch
8.5
10
S
S
Ciss
Input capacitance
VDS = 25V, f = 1 MHz,
VGS = 0
n-ch
p-ch
857
1350
pF
pF
Coss
Output capacitance
n-ch
p-ch
147
490
pF
pF
Crss
Reverse transfer
capacitance
n-ch
p-ch
20
130
pF
pF
Qg
Total gate charge
N-channel
VDD=24V ID=8A
VGS=5V
P-channel
VDD = 24V ID = 4A
VGS= 5V
(see Figure 26)
n-ch
p-ch
7
12.5
10
16
nC
nC
Qgs
Gate-source charge
n-ch
p-ch
2.5
5
nC
nC
Qgd
Gate-drain charge
n-ch
p-ch
2.3
3
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com