Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8725GED/V Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8725GED/V
Description  99dB Stereo DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8725GED/V Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8725GED/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8725GED/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8725GED/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8725GED/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8725GED/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8725GED/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8725GED/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8725GED/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8725GED/V Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
WM8725
Production Data
w
PD Rev 4.1 August 2004
9
SYSTEM CLOCK
The system clock is used to operate the digital filters and the noise shaping circuits. The
system clock input is at pin 14 (SCKI). The frequency of WM8725’s system clock should be
set to 256fs or 384fs, (where fs is the audio sampling frequency). The sample rate is
typically: 32 kHz, 44.1 kHz, 48 kHz or 96kHz.
WM8725 has a system clock detection circuit that automatically determines whether the
system clock being supplied is at 256fs or 384fs. The system clock should be synchronised
with LRCIN, but WM8725 is tolerant of phase differences. Severe distortion in the phase
difference between LRCIN and the system clock will be detected, and cause the device to
automatically resynchronise. During resynchronisation, the output of the device will either
repeat the previous sample, or drop the next sample, depending on the nature of the phase
slip. This will ensure minimal “click“ at the analogue outputs during resynchronisation.
SCKI
t
SCKIL
t
SCKIH
Figure 3 System Clock Timing Requirements
SYSTEM CLOCK FREQUENCY
(MHz)
SAMPLING
RATE (LRCIN)
256fs
384fs
32 kHz
8.192
12.288
44.1 kHz
11.2896
16.9340
48 kHz
12.288
18.432
96kHz
24.576
1
36.864
1
Table 4 System Clock Frequencies Versus Sampling Rate
Notes:
1. 96kHz sample rate at either 256fs or 384fs are only supported with 5V supplies.
LRCIN
BCKIN
DIN
t
BCH
t
BCL
t
LB
t
BL
t
BCY
t
DS
t
DH
Figure 4 Audio Data Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com