Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8725GED/V Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8725GED/V
Description  99dB Stereo DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8725GED/V Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8725GED/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM8725GED/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8725GED/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8725GED/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8725GED/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8725GED/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8725GED/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8725GED/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8725GED/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
w
WM8725
99dB Stereo DAC
WOLFSON MICROELECTRONICS PLC
www.wolfsonmicro.com
Production Data, August 2004, Rev 4.1
Copyright
2004 Wolfson Microelectronics plc.
DESCRIPTION
WM8725 is a high-performance stereo DAC designed for
use in portable audio equipment, video CD players and
similar applications. It comprises selectable normal or I
2S
compatible serial data interfaces for 16 to 24-bit digital
inputs, high performance digital filters, and sigma-delta
output DACs, achieving an excellent 99dB signal-to-noise
performance.
The device is available in a 14-pin SOIC package that
offers selectable mute and de-emphasis functions using a
minimum of external components.
FEATURES
•
99dB SNR performance
•
Stereo DAC with input sampling from 8kHz to 96kHz
•
Additional mute feature
•
Normal or I
2S compatible data format
•
Sigma-delta design with 64x oversampling
•
System clock 256fs or 384fs
•
Supply range 3V to 5V
•
14-pin SOIC package
APPLICATIONS
•
Portable audio equipment
•
Video CD players
BLOCK DIAGRAM


Similar Part No. - WM8725GED/V

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8725 WOLFSON-WM8725 Datasheet
348Kb / 9P
99dB Stereo DAC
WM8725CGED WOLFSON-WM8725CGED Datasheet
192Kb / 14P
99dB Stereo DAC
WM8725CGED/R WOLFSON-WM8725CGED/R Datasheet
192Kb / 14P
99dB Stereo DAC
WM8725ED WOLFSON-WM8725ED Datasheet
348Kb / 9P
99dB Stereo DAC
WM8725 WOLFSON-WM8725_12 Datasheet
192Kb / 14P
99dB Stereo DAC
More results

Similar Description - WM8725GED/V

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8725 WOLFSON-WM8725 Datasheet
348Kb / 9P
99dB Stereo DAC
WM8733 WOLFSON-WM8733 Datasheet
365Kb / 11P
102dB Stereo DAC
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
DAC 3550A STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
Stereo Audio DAC
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
stereo DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
Stereo Audio DAC
logo
Wolfson Microelectronic...
WM8725 WOLFSON-WM8725_12 Datasheet
192Kb / 14P
99dB Stereo DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
Audio Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com