Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8725 Datasheet (PDF) - Wolfson Microelectronics plc

WM8725 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8725
Download  WM8725 Download
File Size   348.58 Kbytes
Page   9 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 99dB Stereo DAC

WM8725 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8725 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8725
Download  WM8725 Click to download

File Size   348.58 Kbytes
Page   9 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 99dB Stereo DAC

WM8725 Datasheet (HTML) - Wolfson Microelectronics plc


WM8725 Product details

DESCRIPTION

WM8725 is a high-performance stereo DAC designed for use in portable audio equipment, video CD players and similar applications. It comprises selectable normal or I2S compatible serial data interfaces for 16 to 24-bit digital inputs, high performance digital filters, and sigma-delta output DACs, achieving an excellent 99dB signal-to-noise performance.



FEATURES

• 99dB SNR performance

• Stereo DAC with input sampling from 8kHz to 96kHz

• Additional mute feature

• Normal or I2S compatible data format

• Sigma-delta design with 64x oversampling

• System clock 256fs or 384fs

• Supply range 3V to 5V

• 14-pin SOIC package



APPLICATIONS

• Portable audio equipment

• Video CD players



 




Similar Part No. - WM8725

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8725 WOLFSON-WM8725 Datasheet
142Kb / 12P
99dB Stereo DAC
WM8725CGED WOLFSON-WM8725CGED Datasheet
192Kb / 14P
99dB Stereo DAC
WM8725CGED/R WOLFSON-WM8725CGED/R Datasheet
192Kb / 14P
99dB Stereo DAC
WM8725ED WOLFSON-WM8725ED Datasheet
142Kb / 12P
99dB Stereo DAC
WM8725ED/R WOLFSON-WM8725ED/R Datasheet
142Kb / 12P
99dB Stereo DAC
More results


Similar Description - WM8725

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8733 WOLFSON-WM8733 Datasheet
365Kb / 11P
102dB Stereo DAC
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
DAC 3550A STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
Stereo Audio DAC
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
stereo DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
Stereo Audio DAC
logo
Wolfson Microelectronic...
WM8725 WOLFSON-WM8725_04 Datasheet
142Kb / 12P
99dB Stereo DAC
WM8725 WOLFSON-WM8725_12 Datasheet
192Kb / 14P
99dB Stereo DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
Audio Stereo DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com