Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8725 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8725
Description  99dB Stereo DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8725 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8725 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 9Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
WM8725
99dB Stereo DAC
Production Data, July 2000, Rev 2.0
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Production Data datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ Terms and Conditions.
2000 Wolfson Microelectronics Ltd
.
DESCRIPTION
WM8725 is a high-performance stereo DAC designed for
use in portable audio equipment, video CD players and
similar applications. It comprises selectable normal or I
2S
compatible serial data interfaces for 16 to 24-bit digital
inputs, high performance digital filters, and sigma-delta
output DACs, achieving an excellent 99dB signal-to-noise
performance.
The device is available in a 14-pin SO package that offers
selectable mute and de-emphasis functions using a
minimum of external components.
FEATURES
•
Compatible with PCM1725
•
99dB SNR performance
•
Stereo DAC with input sampling from 8kHz to 96kHz
•
Additional mute feature
•
Normal or I
2S compatible data format
•
Sigma-delta design with 64x oversampling
•
System clock 256fs or 384fs
•
Supply range 3V to 5V
•
14-pin SOIC package
APPLICATIONS
•
Portable audio equipment
•
Video CD players
BLOCK DIAGRAM
(5)
CAP
DIGITAL
SIGMA-DELTA
MODULATOR
DIGITAL
SIGMA-DELTA
MODULATOR
LRCIN (1)
SERIAL
INTERFACE
DIGITAL
FILTERS
(12)
DEEMPH
(10)
MUTE
SWITCHED
CAPACITOR
DAC
SWITCHED
CAPACITOR
DAC
(8)
VDD
(7)
GND
(9) VOUTL
(6) VOUTR
BCKIN (3)
FORMAT (13)
SCKI (14)
DIN (2)
WM8725


Similar Part No. - WM8725

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8725 WOLFSON-WM8725 Datasheet
142Kb / 12P
99dB Stereo DAC
WM8725CGED WOLFSON-WM8725CGED Datasheet
192Kb / 14P
99dB Stereo DAC
WM8725CGED/R WOLFSON-WM8725CGED/R Datasheet
192Kb / 14P
99dB Stereo DAC
WM8725ED WOLFSON-WM8725ED Datasheet
142Kb / 12P
99dB Stereo DAC
WM8725ED/R WOLFSON-WM8725ED/R Datasheet
142Kb / 12P
99dB Stereo DAC
More results

Similar Description - WM8725

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8733 WOLFSON-WM8733 Datasheet
365Kb / 11P
102dB Stereo DAC
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
DAC 3550A STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
Stereo Audio DAC
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
stereo DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
Stereo Audio DAC
logo
Wolfson Microelectronic...
WM8725 WOLFSON-WM8725_04 Datasheet
142Kb / 12P
99dB Stereo DAC
WM8725 WOLFSON-WM8725_12 Datasheet
192Kb / 14P
99dB Stereo DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
Audio Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com