Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8725 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8725
Description  99dB Stereo DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8725 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

  WM8725 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 9Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
WM8725
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 2.0 July 2000
8
RECOMMENDED EXTERNAL COMPONENTS
GND
VOUTR
CAP
VDD
NC
BCKIN
LRCIN
DIN
5
6
7
1
2
3
4
10
9
8
14
13
12
11
VOUTL
MUTE
NC
DEEMPH
SCKI
FORMAT
WM8725
GND
VDD
ANALOGUE
OUTPUT
FOR RIGHT
CHANNEL
FROM AUDIO
PROCESSOR
ANALOGUE
OUTPUT FOR
LEFT
CHANNEL
256fs/384fs CLK
10µF
0.1µF
10µF
+
External
LPF
External
LPF
Figure 5 Recommended External Components
DETAIL OF RECOMMENDED EXTERNAL COMPONENTS SHOWING THE EXTERNAL
LOW PASS FILTER
External LPF
x2 for Stereo Operation
100pF
-
+
10k
Ω
1500pF
10k
Ω
680pF
10k
Ω
Filtered
Analogue
Output
VOUTR
VOUTL
Figure 6 Third-Order Low Pass Filter (LPF) Example
An external low pass filter is recommended (see Figure 6) if the device is driving a wideband
amplifier. In some applications, second-order or passive RC filter may be adequate.
PCB LAYOUT
1.
Place all supply decoupling capacitors as close as possible to their respective supply
pins and provide a low impedance path from the capacitors to the appropriate ground.
2.
Separate analogue and digital ground planes should be situated under respective
analogue and digital device pins.
3.
Avoid noise on the CAP reference pin. The decoupling capacitor should be placed as
close to this pin as possible with a low impedance path from the capacitor to analogue
ground.
4.
Digital input signals should be screened from each other and from other sources of
noise to avoid cross-talk and interference. They should also run over the digital ground
plane to avoid introducing unwanted noise into the analogue ground plane.
5.
Analogue output signal tracks should be kept as short as possible and over the
analogue ground plane reducing the possibility of losing signal quality.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com