Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW040 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M50FW040
Description  4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M50FW040_06 Datasheet HTML 9Page - STMicroelectronics M50FW040_06 Datasheet HTML 10Page - STMicroelectronics M50FW040_06 Datasheet HTML 11Page - STMicroelectronics M50FW040_06 Datasheet HTML 12Page - STMicroelectronics M50FW040_06 Datasheet HTML 13Page - STMicroelectronics M50FW040_06 Datasheet HTML 14Page - STMicroelectronics M50FW040_06 Datasheet HTML 15Page - STMicroelectronics M50FW040_06 Datasheet HTML 16Page - STMicroelectronics M50FW040_06 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
M50FW040
Signal descriptions
13/53
2.1.5
Interface configuration (IC)
The Interface Configuration input selects whether the Firmware Hub (FWH) or the
Address/Address Multiplexed (A/A Mux) Interface is used. The chosen interface must be
selected before power-up or during a Reset and, thereafter, cannot be changed. The state
of the Interface Configuration, IC, should not be changed during operation.
To select the Firmware Hub (FWH) Interface the Interface Configuration pin should be left to
float or driven Low, VIL; to select the Address/Address Multiplexed (A/A Mux) Interface the
pin should be driven High, VIH. An internal pull-down resistor is included with a value of RIL;
there will be a leakage current of ILI2 through each pin when pulled to VIH; see <Blue>Table
18.
2.1.6
Interface Reset (RP)
The Interface Reset (RP) input is used to reset the memory. When Interface Reset (RP) is
set Low, VIL, the memory is in Reset mode: the outputs are put to high impedance and the
current consumption is minimized. When RP is set High, VIH, the memory is in normal
operation. After exiting Reset mode, the memory enters Read mode.
2.1.7
CPU Reset (INIT)
The CPU Reset, INIT, pin is used to Reset the memory when the CPU is reset. It behaves
identically to Interface Reset, RP, and the internal Reset line is the logical OR (electrical
AND) of RP and INIT.
2.1.8
Clock (CLK)
The Clock, CLK, input is used to clock the signals in and out of the Input/Output
Communication Pins, FWH0-FWH3. The Clock conforms to the PCI specification.
2.1.9
Top Block Lock (TBL)
The Top Block Lock input is used to prevent the Top Block (Block 7) from being changed.
When Top Block Lock, TBL, is set Low, VIL, Program and Erase operations in the Top Block
have no effect, regardless of the state of the Lock Register. When Top Block Lock, TBL, is
set High, VIH, the protection of the Block is determined by the Lock Register. The state of
Top Block Lock, TBL, does not affect the protection of the Main Blocks (Blocks 0 to 6).
Top Block Lock, TBL, must be set prior to a Program or Erase operation is initiated and must
not be changed until the operation completes or unpredictable results may occur. Care
should be taken to avoid unpredictable behavior by changing TBL during Program or Erase
Suspend.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com