Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW040 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M50FW040
Description  4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M50FW040_06 Datasheet HTML 21Page - STMicroelectronics M50FW040_06 Datasheet HTML 22Page - STMicroelectronics M50FW040_06 Datasheet HTML 23Page - STMicroelectronics M50FW040_06 Datasheet HTML 24Page - STMicroelectronics M50FW040_06 Datasheet HTML 25Page - STMicroelectronics M50FW040_06 Datasheet HTML 26Page - STMicroelectronics M50FW040_06 Datasheet HTML 27Page - STMicroelectronics M50FW040_06 Datasheet HTML 28Page - STMicroelectronics M50FW040_06 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
M50FW040
Command interface
25/53
Table 7.
Commands(1)
1.
X Don’t Care, PA Program Address, PD Program Data, BA Any address in the Block.
Command
Bus Write operations
1st
2nd
Address
Data
Address
Data
Read Memory Array(2)
2.
Read Memory Array. After a Read Memory Array command, read the memory as normal until another
command is issued.
1
X
FFh
Read Status Register(3)
3.
Read Status Register. After a Read Status Register command, read the Status Register as normal until
another command is issued.
1
X
70h
Read Electronic Signature(4)
4.
Read Electronic Signature. After a Read Electronic Signature command, read Manufacturer Code,
Device Code until another command is issued.
1
X
90h
1
X
98h
Program(5)
5.
Erase, Program. After these commands read the Status Register until the command completes and
another command is issued.
2
X
40h
PA
PD
2
X
10h
PA
PD
Erase(5)
2
X
20h
BA
D0h
Clear Status Register(6)
6.
Clear Status Register. After the Clear Status Register command bits 1, 3, 4 and 5 in the Status Register
are reset to ‘0’
1
X
50h
Program/Erase Suspend(7)
7.
Program/Erase Suspend. After the Program/Erase Suspend command has been accepted, issue Read
Memory Array, Read Status Register, Program (during Erase suspend) and Program/Erase resume
commands.
1X
B0h
Program/Erase Resume(8)
8.
Program/Erase Resume. After the Program/Erase Resume command the suspended Program/Erase
operation resumes, read the Status Register until the Program/Erase Controller completes and the
memory returns to Read Mode.
1X
D0h
Invalid/Reserved(9)
9.
Invalid/Reserved. Do not use Invalid or Reserved commands.
1
X
00h
1
X
01h
1
X
60h
1X
2Fh
1X
C0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com