Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW040K5P Datasheet(PDF) 22 Page - STMicroelectronics

Part # M50FW040K5P
Description  4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040K5P Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M50FW040K5P Datasheet HTML 18Page - STMicroelectronics M50FW040K5P Datasheet HTML 19Page - STMicroelectronics M50FW040K5P Datasheet HTML 20Page - STMicroelectronics M50FW040K5P Datasheet HTML 21Page - STMicroelectronics M50FW040K5P Datasheet HTML 22Page - STMicroelectronics M50FW040K5P Datasheet HTML 23Page - STMicroelectronics M50FW040K5P Datasheet HTML 24Page - STMicroelectronics M50FW040K5P Datasheet HTML 25Page - STMicroelectronics M50FW040K5P Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
Command interface
M50FW040
22/53
4
Command interface
All Bus Write operations to the memory are interpreted by the Command Interface.
Commands consist of one or more sequential Bus Write operations.
After power-up or a Reset operation the memory enters Read mode.
The commands are summarized in Table 7: Commands. Refer to Table 7 in conjunction with
the text descriptions below.
4.1
Read Memory Array command
The Read Memory Array command returns the memory to its Read mode where it behaves
like a ROM or EPROM. One Bus Write cycle is required to issue the Read Memory Array
command and return the memory to Read mode. Once the command is issued the memory
remains in Read mode until another command is issued. From Read mode Bus Read
operations will access the memory array.
While the Program/Erase Controller is executing a Program or Erase operation the memory
will not accept the Read Memory Array command until the operation completes.
4.2
Read Status Register command
The Read Status Register command is used to read the Status Register. One Bus Write
cycle is required to issue the Read Status Register command. Once the command is issued
subsequent Bus Read operations read the Status Register until another command is issued.
See the section on the Status Register for details on the definitions of the Status Register
bits.
4.3
Read Electronic Signature command
The Read Electronic Signature command is used to read the Manufacturer Code and the
Device Code. One Bus Write cycle is required to issue the Read Electronic Signature
command. Once the command is issued subsequent Bus Read operations read the
Manufacturer Code or the Device Code until another command is issued.
After the Read Electronic Signature Command is issued the Manufacturer Code and Device
Code can be read using Bus Read operations using the addresses in Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com