Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW040K5P Datasheet(PDF) 34 Page - STMicroelectronics

Part # M50FW040K5P
Description  4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040K5P Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M50FW040K5P Datasheet HTML 30Page - STMicroelectronics M50FW040K5P Datasheet HTML 31Page - STMicroelectronics M50FW040K5P Datasheet HTML 32Page - STMicroelectronics M50FW040K5P Datasheet HTML 33Page - STMicroelectronics M50FW040K5P Datasheet HTML 34Page - STMicroelectronics M50FW040K5P Datasheet HTML 35Page - STMicroelectronics M50FW040K5P Datasheet HTML 36Page - STMicroelectronics M50FW040K5P Datasheet HTML 37Page - STMicroelectronics M50FW040K5P Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Program and Erase times
M50FW040
34/53
7
Program and Erase times
The Program and Erase times are shown in Table 12.
Table 12.
Program and Erase times
Parameter
Test Condition
Min
Typ(1)
1.
TA = 25°C, VCC = 3.3 V.
Max
Unit
Byte Program
10
200
µs
Block Program
0.4
5
s
Block Erase
VPP = 12V ± 5%
0.75
8
s
VPP = VCC
110
s
Program/Erase Suspend to Program
pause(2)
2.
Sampled only, not 100% tested.
5µs
Program/Erase Suspend to Block Erase
pause(2)
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com