Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4213D Datasheet(PDF) 13 Page - Flex Power Modules. FLEX LTD.

Part # PKB4213D
Description  Fully regulated DC-DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.

PKB4213D Datasheet(HTML) 13 Page - Flex Power Modules. FLEX LTD.

Back Button PKB4213D Datasheet HTML 9Page - Flex Power Modules. FLEX LTD. PKB4213D Datasheet HTML 10Page - Flex Power Modules. FLEX LTD. PKB4213D Datasheet HTML 11Page - Flex Power Modules. FLEX LTD. PKB4213D Datasheet HTML 12Page - Flex Power Modules. FLEX LTD. PKB4213D Datasheet HTML 13Page - Flex Power Modules. FLEX LTD. PKB4213D Datasheet HTML 14Page - Flex Power Modules. FLEX LTD. PKB4213D Datasheet HTML 15Page - Flex Power Modules. FLEX LTD. PKB4213D Datasheet HTML 16Page - Flex Power Modules. FLEX LTD. PKB4213D Datasheet HTML 17Page - Flex Power Modules. FLEX LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Electrical Specification
10.0 V, 25 A / 250 W
PKB4217ND
TP1 = -40 to +95ºC, VI = 36 to 75 V, unless otherwise specified under Conditions.
Typical values given at: TP1 = +25°C, VI= 53 V, max IO, unless otherwise specified under Conditions.
Additional Cin = 100 µF, Cout = 100 µF. See Operating Information section for selection of capacitor types.
Characteristics
Conditions
min
typ
max
Unit
VI
Input voltage range
36
75
V
VIoff
Turn-off input voltage
Decreasing input voltage
32
33
34
V
VIon
Turn-on input voltage
Increasing input voltage
34
35
36
V
CI
Internal input capacitance
VI = 53 V
9
μF
PO
Output power
0
250
W
η
Efficiency
50% of max IO
95.5
%
max IO
95.2
50% of max IO, VI = 48 V
95.7
max IO, VI = 48 V
95.3
Pd
Power Dissipation
max IO
12.5
16.5
W
Pli
Input idling power
IO = 0 A, VI = 53 V
2.9
W
PRC
Input standby power
VI = 53 V (turned off with RC)
1
W
fs
Switching frequency
0-100 % of max IO
390
415
440
kHz
VOi
Output voltage initial setting and
accuracy
TP1 = +25°C, VI = 53 V, IO = 25 A
9.80
10
10.20
V
Output voltage tolerance band
0-100% of max IO, VI = 36-75 V
9.70
10.30
V
Idling voltage
IO = 0 A, VI = 36-75 V
9.70
10.30
V
Line regulation
VI = 36-75 V, max IO
2
40
mV
Load regulation
VI = 53 V, 0-100% of max IO
2
30
mV
Vtr
Load transient
voltage deviation
VI = 53 V, Load step 25-75-25% of
max IO, di/dt = 1 A/
μs, CO = 1 mF
±230
365
mV
ttr
Load transient recovery time
25
150
µs
tr
Ramp-up time
(from 10−90% of VOi)
10-100% of max IO
12
18
ms
ts
Start-up time
(from VI connection to 90% of VOi)
17
22
ms
tRC
RC start-up time
(from VRC connection to 90% of VOi)
max IO
17
25
ms
RC
Sink current, see Note 1
See operating information
0.5
mA
Trigger level
Decreasing / Increasing RC-voltage
1.5 / 2.5
V
Response time
0.1
0.5
ms
IO
Output current
0
25
A
Ilim
Current limit threshold
TP1 < max TP1
27.5
32
38
A
Isc
Short circuit current
TP1 = 25ºC, see Note 2
5
A
Cout
Recommended Capacitive Load
TP1 = 25ºC, see Note 3
100
10000
µF
VOac
Output ripple & noise
See ripple & noise section, VOi
50
150
mVp-p
OVP
Over voltage protection
TP1 = +25°C, VI = 53 V,
50% of max IO
12.2
V
Note 1: Sink current drawn by external device connected to the RC pin
Note 2: RMS current at OCP in hiccup mode
Note 3:. Low ESR value
PKB4000D series Fully regulated DC-DC Converters
Input 36-75 V, Output up to 25 A / 300 W
28701-BMR674 01 Rev G
July 2019
© Flex
Technical Specification
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com