Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4213D Datasheet(PDF) 17 Page - Flex Power Modules. FLEX LTD.

Part # PKB4213D
Description  Fully regulated DC-DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.

PKB4213D Datasheet(HTML) 17 Page - Flex Power Modules. FLEX LTD.

Back Button PKB4213D Datasheet HTML 13Page - Flex Power Modules. FLEX LTD. PKB4213D Datasheet HTML 14Page - Flex Power Modules. FLEX LTD. PKB4213D Datasheet HTML 15Page - Flex Power Modules. FLEX LTD. PKB4213D Datasheet HTML 16Page - Flex Power Modules. FLEX LTD. PKB4213D Datasheet HTML 17Page - Flex Power Modules. FLEX LTD. PKB4213D Datasheet HTML 18Page - Flex Power Modules. FLEX LTD. PKB4213D Datasheet HTML 19Page - Flex Power Modules. FLEX LTD. PKB4213D Datasheet HTML 20Page - Flex Power Modules. FLEX LTD. PKB4213D Datasheet HTML 21Page - Flex Power Modules. FLEX LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
EMC Specification
Conducted EMI measured according to EN55022, CISPR 22
and FCC part 15J (see test set-up). See Design Note 029 for
further information. The fundamental switching frequency is
415 kHz for PKB4313D. The EMI characteristics below is
measured at VI = 53 V and max IO.
Conducted EMI Input terminal value (typ)
EMI without filter
Optional external filter for class B
Suggested external input filter in order to meet class B in
EN 55022, CISPR 22 and FCC part 15J.
Filter components:
C1 = 2.2
µF
C2 = 2.2
µF
C3 = 2.2
µF +
220
µF (e-lyt)
C4, C5 = 2x10 nF
L1 = 0.59 mH
L2 = 2.2
µH
EMI with filter
Test set-up
Layout recommendations
The radiated EMI performance of the product will depend on
the PWB layout and ground layer design. It is also important to
consider the stand-off of the product. If a ground layer is used,
it should be connected to the output of the product and to the
equipment ground or chassis.
A ground layer will increase the stray capacitance in the PWB
and improve the high frequency EMC performance.
Output ripple and noise
Output ripple and noise is measured according to figure
below. See Design Note 022 for detailed information.
Output ripple and noise test setup
L1
C1
C2
C3
C4
C5
R
-
+
Module
+
-
0
0
L2
PKB4000D series Fully regulated DC-DC Converters
Input 36-75 V, Output up to 25 A / 300 W
28701-BMR674 01 Rev G
July 2019
© Flex
Technical Specification
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com