Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3CSW12 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # PI3CSW12
Description  High-Speed I3C 1:2 Multiplexer/DeMultiplexer Switch with Signal Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3CSW12 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button PI3CSW12 Datasheet HTML 4Page - Diodes Incorporated PI3CSW12 Datasheet HTML 5Page - Diodes Incorporated PI3CSW12 Datasheet HTML 6Page - Diodes Incorporated PI3CSW12 Datasheet HTML 7Page - Diodes Incorporated PI3CSW12 Datasheet HTML 8Page - Diodes Incorporated PI3CSW12 Datasheet HTML 9Page - Diodes Incorporated PI3CSW12 Datasheet HTML 10Page - Diodes Incorporated PI3CSW12 Datasheet HTML 11Page - Diodes Incorporated PI3CSW12 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
www.diodes.com
March 2021
Diodes Incorporated
PI3CSW12
Document Number DS42881 Rev 4-2
A Product Line of
Diodes Incorporated
PI3CSW12
Ordering Information
Ordering Number
Package Code
Package Description
PI3CSW12ZUAEX
ZUA
10-Pin, 1.5x2.0 (UQFN) (U-QFN 1520-10)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- andAntimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
4. E = Pb-free and Green
5. X suffix = Tape/Reel
For latest package info.
please check: http://www.diodes.com/design/support/packaging/pericom-packaging/packaging-mechanicals-and-thermal-characteristics/
PKG DIMENSIONS
SYMBOL
MIM
NOM
A1
0.00
A3
D
1.45
1.50
b
b1
0.15
0.20
b2
e
0.02
A
0.50
---
E
1.95
2.00
0.50 BSC
0.20
0.25
0.15 REF
0.25
0.30
MAX
1.55
0.25
0.05
0.65
2.05
0.30
0.35
L
0.25
0.35
0.45
D
L(8X)
b2(2X)
L1
0.30
0.40
0.50
0.64
0.53(8X)
0.35(2X)
1.81
TOP VIEW
BOTTOM VIEW
RECOMMENDED LAND PATTERN
SIDE VIEW
DATE: 07/13/20
DESCRIPTION: 10-Pin, UQFN, 1.5X2.0 (U-QFN1520-10)
PACKAGE CODE: ZUA(ZUA10)
DOCUMENT CONTROL#: PD-2220
REVISION: A
Notes
:
2. Ref: JEDEC MO-288B.
N1
N4
N6
N9
1. ALL DIMENSIONS ARE IN mm. ANGLES IN DEGREES.
3. RECOMMENDED LAND PATTERN IS FOR REFERENCE ONLY.
Packaging Mechanical: 10-UQFN (ZUA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com