Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3CSW12 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3CSW12
Description  High-Speed I3C 1:2 Multiplexer/DeMultiplexer Switch with Signal Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3CSW12 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3CSW12 Datasheet HTML 1Page - Diodes Incorporated PI3CSW12 Datasheet HTML 2Page - Diodes Incorporated PI3CSW12 Datasheet HTML 3Page - Diodes Incorporated PI3CSW12 Datasheet HTML 4Page - Diodes Incorporated PI3CSW12 Datasheet HTML 5Page - Diodes Incorporated PI3CSW12 Datasheet HTML 6Page - Diodes Incorporated PI3CSW12 Datasheet HTML 7Page - Diodes Incorporated PI3CSW12 Datasheet HTML 8Page - Diodes Incorporated PI3CSW12 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
www.diodes.com
March 2021
Diodes Incorporated
PI3CSW12
Document Number DS42881 Rev 4-2
Features
Î
Î
VDD Operation at 2.5V and 3.3V
Î
Î
VI/O Accepts Signals up to 5.5V
Î
Î
1.8-V Compatible Control-Pin Inputs
Î
Î
Low-Power Mode When OE Is Disabled (2µA)
Î
Î
rON = 6Ω Maximum
Î
Î
ΔrON = 0.2Ω Typical
Î
Î
Cio(on) = 4pF Typical
Î
Î
Support Over Voltage Protection
Î
Î
Low Power Consumption (50µA Maximum)
Î
Î
ESD Performance
• IO Pins
• 12KV HBM
• 1KV CDM
• +/-8KV contact Discharge (IEC61000-4-2)
• VDD, GND, S, OE Pins
• 4KV HBM
• 1KV CDM
Î
Î
High Bandwidth (1.6GHz Typical)
Î
Î
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Î
Î
Halogen- and Antimony-Free. “Green” Device (Note 3)
Î
Î
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please contact
us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Î
Î
Packaging (Pb-free & Green):
• 10-contact, UQFN (ZUA10)
Description
The PI3CSW12 is a high-bandwidth switch specially designed for
the switching of high-speed I3C signals in communication and
server applications, such as servers, workstations, and notebooks
with hubs or controllers with limited I3C I/Os. The wide bandwidth
(1.6GHz) of this switch allows signals to pass with minimum edge
and phase distortion. The device multiplexes differential outputs
from a I3C host device to one of two corresponding outputs.
The switch is bidirectional and offers little or no attenuation of
the high-speed signals at the outputs. It is designed for low bit-
to-bit skew and high channel-to-channel noise isolation, and is
compatible with various standards, such as high-speed I3C (up to
30Mbps).
High-Speed I3C 1:2 Multiplexer/DeMultiplexer Switch with Signal Enable
Applications
Î
Î
Routes Signals for I3C
Î
Î
Mobile Industry Processor Interface (MIPI) Signal Routing
Block Diagram
Truth Table
S
OE
Function
X
H
Disconnect
L
L
D = 1D
H
L
D = 2D
D+
D-
1D+
1D-
2D+
2D-
S
OE
CONTROL
LOGIC
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
A Product Line of
Diodes Incorporated
PI3CSW12
b
P
Lead-free Green


Similar Part No. - PI3CSW12

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C16210 PERICOM-PI3C16210 Datasheet
304Kb / 4P
3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
PI3C16210A PERICOM-PI3C16210A Datasheet
304Kb / 4P
3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
PI3C16210K PERICOM-PI3C16210K Datasheet
304Kb / 4P
3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
PI3C16211 PERICOM-PI3C16211 Datasheet
398Kb / 4P
3.3V HIGH BANDWIDTH 24-BIT BUS SWITCH
PI3C16211A PERICOM-PI3C16211A Datasheet
398Kb / 4P
3.3V HIGH BANDWIDTH 24-BIT BUS SWITCH
More results

Similar Description - PI3CSW12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30 Datasheet
311Kb / 12P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_08 Datasheet
770Kb / 18P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_08 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_09 Datasheet
892Kb / 19P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
logo
Pericom Semiconductor C...
PI3USB221 PERICOM-PI3USB221 Datasheet
1Mb / 12P
High-Speed USB2.0 1 2 Multiplexer/ DeMultiplexer Switch with Signal Enable
logo
Global Mixed-mode Techn...
G3206 GMT-G3206 Datasheet
91Kb / 1P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer Demultiplexer Switch with Single Enable
logo
Texas Instruments
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com