Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3CSW12ZUAEX Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PI3CSW12ZUAEX
Description  High-Speed I3C 1:2 Multiplexer/DeMultiplexer Switch with Signal Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3CSW12ZUAEX Datasheet(HTML) 4 Page - Diodes Incorporated

  PI3CSW12ZUAEX Datasheet HTML 1Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 2Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 3Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 4Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 5Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 6Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 7Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 8Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.diodes.com
March 2021
Diodes Incorporated
PI3CSW12
Document Number DS42881 Rev 4-2
A Product Line of
Diodes Incorporated
PI3CSW12
Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)
Parameter
Testing Conditions
Min.
Typ.
Max.
Unit
VIK
VDD = 3.6V, 2.7V, II = –18 mA
–1.2
V
IIN
Control
Inputs
VDD = 3.6V, 2.7V, 0V, VIN = 0V to 3.6V
±1
µA
IOZ(3)
VDD = 3.6V, 2.7V, VIN = VDD or GND,
VO = 0V to 3.6V, VI = 0V, Switch OFF
±1
I(OFF)
VDD = 0V
VI/O = 0V to 3.6V
±2
VI/O = 0 to 2.7V
±1
ICC
VDD = 3.6V, 2.7V, VIN = VDD or GND,
II/O = 0 V, Switch ON or OFF
25
50
ICC (low power
mode)
VDD = 3.6V, 2.7V, VIN = VDD or GND,
Switch disabled, (OE in high state)
4
DICC(4)
Control
Inputs
VDD = 2.7V, S sweeps from
1.4V to 3.3V, OE/ = 0V
15
VDD = 2.7V, OE/ sweeps from
1.4V to 3.3V, S = 0V
0.75
CIN
Control
Inputs
VDD = 3.3V, 2.5V, VIN = 3.3V or 0V
1
2
pF
Cio(OFF)
VDD = 3.3V, 2.5V, VIN = 3.3V or 0V, Switch OFF
2
3
Cio(ON)
VDD = 3.3V, 2.5V, VIN = 3.3V or 0V, Switch ON
4
rON(5)
VDD = 3V, 2.3V
VI = 0V, IO = 30mA
4
Ω
VI = 2.4V, IO = –15mA
6
DrON(6)
VDD = 3V, 2.3V
VI = 0V, IO = 30mA
0.2
VI = 1.7V, IO = –15mA
0.2
rON(flat)
VDD = 3V, 2.3V
VI = 0V, IO = 30mA
1
VI = 1.7V, IO = –15mA
1
Vpass
VDD = 2.5 - 3.3V
VIN > 3.8V, IO = 10uA
2.8
3.8
4.2
V
Notes:
1. VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
2. All typical values are at VDD = 3.3 V (unless otherwise noted), TA = 25°C.
3. For I/O ports, the parameter IOZ includes the input leakage current.
4. This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VDD or GND.
5. Measured by the voltage drop between the input and output terminals at the indicated current through the switch. ON-state resistance is determined by the lower of
the voltages of the two terminals.
6. Dron is delta Ron between channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com