Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3CSW12ZUAEX Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI3CSW12ZUAEX
Description  High-Speed I3C 1:2 Multiplexer/DeMultiplexer Switch with Signal Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3CSW12ZUAEX Datasheet(HTML) 5 Page - Diodes Incorporated

  PI3CSW12ZUAEX Datasheet HTML 1Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 2Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 3Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 4Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 5Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 6Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 7Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 8Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
www.diodes.com
March 2021
Diodes Incorporated
PI3CSW12
Document Number DS42881 Rev 4-2
A Product Line of
Diodes Incorporated
PI3CSW12
Switching Characteristics
Over operating range, TA = –40°C to 85°C, VDD = 3.3 V ± 10%, GND = 0V
Symbol
Parameter
Min.
Typ.(1)
Max.
Unit
tpd
Propagation Delay (2,3)
0.25
ns
tON
Line enable time
S to D, nD
125
OE to D, nD
100
tOFF
Line disable time
S to D, nD
12
OE to D, nD
12
tSK(O)
Output skew between center port to any other port(2)
0.1
0.2
tSK(P)
Skew between opposite transitions of the same output (tPHL – tPLH)(2)
0.1
0.2
tVPASS
OVP response time
53
ns
Notes:
1. For Max or Min conditions, use the appropriate value specified under Electrical Characteristics for the applicable device type.
2. Specified by design
3. The switch contributes no propagation delay other than the RC delay of the on resistance of the switch and the load capacitance. The time constant for the switch
alone is of the order of 0.25 ns for 10-pF load. Since this time constant is much smaller than the rise/fall times of typical driving signals, it adds very little propaga-
tion delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its
interactions with the load on the driven side.
Dynamic Electrical Characteristics
Over operating range, TA = –40°C to 85°C, VDD = 3.3 V ± 10%, GND = 0V
Symbol
Parameter
Test Conditions
Typ.(1)
Unit
XTALK
Crosstalk
RL = 50Ω, f = 250 MHz
–40
dB
RL = 50Ω, f = 50 MHz
–55
OIRR
OFF isolation
RL = 50Ω, f = 250 MHz
–41
BW
Bandwidth (–3 dB)
RL = 50Ω
1.6
GHz
Note:
1. For Max or Min conditions, use the appropriate value specified under Electrical Characteristics for the applicable device type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com