Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APLM4 Datasheet(PDF) 2 Page - QuWireless

Part # APLM4
Description  QuPanel LTE HP MIMO 4x4
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

APLM4 Datasheet(HTML) 2 Page - QuWireless

  APLM4 Datasheet HTML 1Page - QuWireless APLM4 Datasheet HTML 2Page - QuWireless APLM4 Datasheet HTML 3Page - QuWireless APLM4 Datasheet HTML 4Page - QuWireless APLM4 Datasheet HTML 5Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DATASHEET / QUPANEL LTE HP MIMO 4x4 / APLM4-H
LTE SPECIFICATION
FREQUENCY
0.694-0.96 GHz
1.7 - 2.2 GHz
2.2 - 2.7 GHz
Supported LTE bands
1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 12, 13, 14, 15, 16, 17, 18, 19,
20, 23, 25, 26, 27, 28, 29, 30, 33, 34, 35, 36, 37, 38,
39, 40, 41, 44, 53, 65, 66, 67, 68, 69, 70, 71, 85
GAIN
0.694 - 0.96 GHz : 7 dBi
1.7 - 2.2 GHz : 7 dBi
2.2 - 2.7 GHz : 7 dBi
VSWR
<1.70, max <2.00
BEAMWIDTH
70°/70° ±15°
POLARIZATION
X-Pol
IMPEDANCE
50 Ω
MECHANICAL SPECIFICATION
MATERIALS
ABS, aluminum, Fiberglass, galvanized steel
INGRESS PROTECTION
IP67
DIMENSIONS
392 x 392 x 96 mm
15.43 x 15.43 x 3.78 inch
WEIGHT
1.88 kg
4.15 lbs
OPERATING TEMPERATURE
From -40°C to 75°C
From -40°F to 167°F
VSWR
Port 1&3
Port 2&4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com