Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APLM4 Datasheet(PDF) 1 Page - QuWireless

Part # APLM4
Description  QuPanel LTE HP MIMO 4x4
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

APLM4 Datasheet(HTML) 1 Page - QuWireless

  APLM4 Datasheet HTML 1Page - QuWireless APLM4 Datasheet HTML 2Page - QuWireless APLM4 Datasheet HTML 3Page - QuWireless APLM4 Datasheet HTML 4Page - QuWireless APLM4 Datasheet HTML 5Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATASHEET / QUPANEL LTE HP MIMO 4x4 / APLM4-H
QuPanel LTE HP MIMO 4x4
Directional High Power multiband LTE MIMO 4x4 antenna
QuPanel LTE directional MIMO 4x4 high gain antenna is predicted for 4G LTE high categories
from cat 5 up to cat 19. The antenna improves the signal in rural/suburban and locations
where the mobile signal is weak. That antenna is predicted to be installed on the buildings (on
the pole or on the wall). Due to very wide working frequency range, the antenna is universal
client for LTE bands like LTE700/800/1800/1900/2100/2300/2600. It’s compatible with all
MIMO 4x4 LTE modems and routers working in categories: cat 5, cat 6, cat 7, cat 9, cat 10, cat
11, cat 12, cat 13, cat 15, cat 16, cat 18, cat 19.
OUTDOOR
Use LTE router wherever you
want
ANTENNA
Maximize your signal with
QuWireless antennas
SOLUTION
Plug LTE router and you are
good to go


Similar Part No. - APLM4

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
APLMK SCPT-A021-05 JST-APLMK SCPT-A021-05 Datasheet
330Kb / 8P
Board-to-wire
APLMK SJN001-09 JST-APLMK SJN001-09 Datasheet
72Kb / 2P
SJN CONNECTOR 2.0mm pitch/Board-in Crimp style connectors
APLMK SJN002-09 JST-APLMK SJN002-09 Datasheet
72Kb / 2P
SJN CONNECTOR 2.0mm pitch/Board-in Crimp style connectors
APLMK SPHD001-05 JST-APLMK SPHD001-05 Datasheet
329Kb / 12P
FAMILY SERIES/PA•PAF•PAL CONNECTOR
APLMK SPHD001-05 JST-APLMK SPHD001-05 Datasheet
95Kb / 2P
2.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - APLM4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WB01 ETC2-WB01 Datasheet
1Mb / 18P
8dBi Wideband LTE MIMO Panel Antenna
logo
Pulse A Technitrol Comp...
W6112B0100 PULSE-W6112B0100 Datasheet
2Mb / 17P
2x2 MIMO LTE FPC ANTENNA
L120 PULSE-L120 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
WA700 PULSE-WA700 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
logo
Maxim Integrated Produc...
MAX2580 MAXIM-MAX2580 Datasheet
100Kb / 2P
LTE Small-Cell MIMO Transceiver
8/4/2016
logo
Maxtena Inc.
MEA-2500-SM MAXTENA-MEA-2500-SM Datasheet
3Mb / 3P
CELLULAR/LTE MIMO Screw Mount
REV A
NETZ4IN1 MAXTENA-NETZ4IN1 Datasheet
1,006Kb / 4P
CELLULAR/LTE/MIMO/WIFI ANTENNA
REV A
NETZ5IN1 MAXTENA-NETZ5IN1 Datasheet
2Mb / 5P
LTE-MIMO/WIFI-MIMO/GNSS
REV A
logo
AVX Corporation
1004239-001 AVX-1004239-001 Datasheet
1Mb / 6P
Broadband External LTE MIMO Antenna
9/27/2021
logo
Molex Electronics Ltd.
2123309100 MOLEX-2123309100 Datasheet
180Kb / 1P
WIFI 6E TRI-BAND AUTOMOTIVE 4X4 MIMO ANT
Rev. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com