Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGS10 Datasheet(PDF) 43 Page - COSEL CO., LTD.

Part # MGS10
Description  DC-DC Converters PCB Mount Type
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGS10 Datasheet(HTML) 43 Page - COSEL CO., LTD.

Back Button MGS10 Datasheet HTML 38Page - COSEL CO., LTD. MGS10 Datasheet HTML 39Page - COSEL CO., LTD. MGS10 Datasheet HTML 40Page - COSEL CO., LTD. MGS10 Datasheet HTML 41Page - COSEL CO., LTD. MGS10 Datasheet HTML 42Page - COSEL CO., LTD. MGS10 Datasheet HTML 43Page - COSEL CO., LTD. MGS10 Datasheet HTML 44Page - COSEL CO., LTD. MGS10 Datasheet HTML 45Page - COSEL CO., LTD. MGS10 Datasheet HTML 46Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
Derating curve for input voltage
¿
MGF3/MGFS10
¡
MGFS3, MGFW3, MGFS10 and MGFW10 has derating by input
voltage is required. shown below.
Ambient temperature derating curve
¡
It is necessary to note thermal fatigue life by power cycle. Please reduce the temperature fluctuation range as much as possible when the
up and down of temperature are frequently generated.
¡
In case of forced air, ventilation must keep the temperature of point below the temperatures shown in Instruction Manual 7.
¿
MGX1R5/MGX6
¡
MGXS1R5, MGXW1R5, MGXS6 and MGXW6 has derating by
input voltage is required. shown below.
9
80
100
36
0
0
12
18
76
24
Input Voltage [V]
6
70
100
60
0
0
12
Input Voltage [V]
- 40
- 20
0
20
40
60
80
100
0
50
100
Ambient temperature Ta [C]
(85)
- 40
- 20
0
20
40
60
80
100
0
50
100
Ambient temperature Ta [C]
(85)
¿
MGS1R5/MGW1R5 (Rated Input Voltage)
¿
MGS3/MGW3 (Rated Input Voltage)
Output Voltage
Input Voltage
3.3
5
12
15
±12
±15
5
B
B
C
C
B
B
12
B
C
C
C
B
C
24
B
C
C
C
B
C
48
A
A
C
C
B
C
- 40
- 20
0
20
40
60
80
100
0
50
100
Ambient temperature Ta [C]
A
B
C
(75)
(85)
Output Voltage
Input Voltage
3.3
5
12
15
±12
±15
5
A
A
A
A
A
A
12
A
A
A
A
A
A
24
A
A
A
A
A
A
48
A
A
A
A
A
A
- 40
- 20
0
20
40
60
80
100
0
50
100
Ambient temperature Ta [C]
A
(85)
(1) In the case of Convection Cooling (Reference)
(2) In the case of Forced Air Cooling (1.0m/s) (Reference)
(2) In the case of Forced Air Cooling (1.0m/s) (Reference)
(1) In the case of Convection Cooling (Reference)
MG-43
Derating
MG1R5,MG3,MG6,MG10-series
December 27, 2022
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com