Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGS10 Datasheet(PDF) 46 Page - COSEL CO., LTD.

Part # MGS10
Description  DC-DC Converters PCB Mount Type
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGS10 Datasheet(HTML) 46 Page - COSEL CO., LTD.

Back Button MGS10 Datasheet HTML 38Page - COSEL CO., LTD. MGS10 Datasheet HTML 39Page - COSEL CO., LTD. MGS10 Datasheet HTML 40Page - COSEL CO., LTD. MGS10 Datasheet HTML 41Page - COSEL CO., LTD. MGS10 Datasheet HTML 42Page - COSEL CO., LTD. MGS10 Datasheet HTML 43Page - COSEL CO., LTD. MGS10 Datasheet HTML 44Page - COSEL CO., LTD. MGS10 Datasheet HTML 45Page - COSEL CO., LTD. MGS10 Datasheet HTML 46Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
¿
MGXS1R5/MGXW1R5 (Rated Input Voltage)
(1) In the case of Convection Cooling (Reference)
(2) In the case of Forced Air Cooling (1.0m/s) (Reference)
¿
MGXS6/MGFXW6 (Rated Input Voltage)
¡
In the hatched area, the specification of Ripple, Ripple Noise is different from other area.
(1) In the case of Convection Cooling (Reference)
(2) In the case of Forced Air Cooling (1.0m/s) (Reference)
- 40
- 20
0
20
40
60
80
100
0
50
100
Ambient temperature Ta [C]
(85)
- 40
- 20
0
20
40
60
80
100
0
50
100
Ambient temperature Ta [C]
(85)
Output Voltage
Input Voltage
3.3
5
12
15
±12
±15
12-48
A
A
A
A
A
A
- 40
- 20
0
20
40
60
80
100
0
50
100
Ambient temperature Ta [C]
A
(85)
(75)
Output Voltage
Input Voltage
3.3
5
12
15
±12
±15
12-48
A
A
A
A
A
A
- 40
- 20
0
20
40
60
80
100
0
50
100
Ambient temperature Ta [C]
A
(85)
MG-46
◆
It is neccessary to read the “Instruction Manual” and “Before using our product” before you use our product.
Instruction Manual
https://www.cosel.co.jp/redirect/catalog/en/MGS/
Instruction Manual
https://www.cosel.co.jp/redirect/catalog/en/MGW/
Instruction Manual
https://www.cosel.co.jp/redirect/catalog/en/MGFS/
Instruction Manual
https://www.cosel.co.jp/redirect/catalog/en/MGFW/
Instruction Manual
https://www.cosel.co.jp/redirect/catalog/en/MGXS/
Instruction Manual
https://www.cosel.co.jp/redirect/catalog/en/MGXW/
Before using our product
https://en.cosel.co.jp/technical/caution/index.html
Instruction Manual
NOTICE
MGXW
MGXS
MGFW
MGFS
MGW
MGS
Derating
Model
Circuit method
Switching
frequency
[kHz]
(reference)
Input
current
[A]
Inrush
current
protection
PCB/Pattern
Series/Parallel
operation availability
Material
Single
sided
Double
sided
Series
operation
Parallel
operation
MG1R5
Flyback converter
200-1500 *3
*1
-
glass fabric base,epoxy resin
Yes
Yes
*2
MGF1R5
Flyback converter
120-1500 *3
*1
-
glass fabric base,epoxy resin
Yes
Yes
*2
MGX1R5
Flyback converter
60-1000 *3
*1
-
glass fabric base,epoxy resin
Yes
Yes
*2
MG3
Flyback converter
200-1500 *3
*1
-
glass fabric base,epoxy resin
Yes
Yes
*2
MGF3
Flyback converter
120-1500 *3
*1
-
glass fabric base,epoxy resin
Yes
Yes
*2
MG6
Flyback converter
160-1500 *3
*1
-
glass fabric base,epoxy resin
Yes
Yes
*2
MGF6
Flyback converter
120-1500 *3
*1
-
glass fabric base,epoxy resin
Yes
Yes
*2
MGX6
Flyback converter
100-1000 *3
*1
-
glass fabric base,epoxy resin
Yes
Yes
*2
MG10
Flyback converter
160-1500 *3
*1
-
glass fabric base,epoxy resin
Yes
Yes
*2
MGF10
Flyback converter
120-1500 *3
*1
-
glass fabric base,epoxy resin
Yes
Yes
*2
*1 Refer to Specification.
*2 Refer to Instruction Manual.
*3 The value changes depending on input and load.
Basic Characteristics Data
MG1R5,MG3,MG6,MG10-series
December 27, 2022
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com