Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP157FAC1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM32MP157FAC1
Description  Discovery kits with increased-frequency 800 MHz STM32MP157 MPUs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157FAC1 Datasheet(HTML) 5 Page - STMicroelectronics

  STM32MP157FAC1 Datasheet HTML 1Page - STMicroelectronics STM32MP157FAC1 Datasheet HTML 2Page - STMicroelectronics STM32MP157FAC1 Datasheet HTML 3Page - STMicroelectronics STM32MP157FAC1 Datasheet HTML 4Page - STMicroelectronics STM32MP157FAC1 Datasheet HTML 5Page - STMicroelectronics STM32MP157FAC1 Datasheet HTML 6Page - STMicroelectronics STM32MP157FAC1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3
Development environment
The STM32MP157 microprocessors are based on the Arm® Cortex®
‑A7 and Arm® Cortex®‑M4 processors.
Note:
Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.
3.1
System requirements
•
Multi
‑OS support: Windows® 10, Linux® 64-bit, or macOS®
•
USB Type-C® to USB Type-C® charger 5 V / 3 A
•
USB Type-C® to Type-A cable
•
USB Type-A or USB Type-C® to Micro-B cable
Note:
macOS® is a trademark of Apple Inc., registered in the U.S. and other countries and regions.
Linux® is a registered trademark of Linus Torvalds.
Windows is a trademark of the Microsoft group of companies.
3.2
Development toolchains
•
IAR Systems® - IAR Embedded Workbench®(1)
•
Keil® - MDK-ARM(1)
•
STMicroelectronics - STM32CubeIDE
•
GCC
1. On Windows® only.
3.3
Demonstration software
The STM32 MPU OpenSTLinux Distribution and STM32CubeMP1 base demonstration software is preloaded in
the microSD™ for easy demonstration of the device peripherals in standalone mode. The latest versions of the
demonstration source code and associated documentation can be downloaded from www.st.com.
STM32MP157D-DK1 STM32MP157F-DK2
Development environment
DB4022 - Rev 2
page 5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com