Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP157FAC1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STM32MP157FAC1
Description  Discovery kits with increased-frequency 800 MHz STM32MP157 MPUs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157FAC1 Datasheet(HTML) 3 Page - STMicroelectronics

  STM32MP157FAC1 Datasheet HTML 1Page - STMicroelectronics STM32MP157FAC1 Datasheet HTML 2Page - STMicroelectronics STM32MP157FAC1 Datasheet HTML 3Page - STMicroelectronics STM32MP157FAC1 Datasheet HTML 4Page - STMicroelectronics STM32MP157FAC1 Datasheet HTML 5Page - STMicroelectronics STM32MP157FAC1 Datasheet HTML 6Page - STMicroelectronics STM32MP157FAC1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2
Ordering information
To order an STM32MP157 Discovery kit, refer to Table 1. For a detailed description of each board, refer to its user
manual on the product web page. Additional information is available from the datasheet and reference manual of
the target STM32.
Table 1. List of available products
Order code
Board reference
User manual
Target STM32
Differentiating feature
STM32MP157D-DK1 •
MB1272(1)
UM2637
STM32MP157DAC1
•
Basic security
STM32MP157F-DK2
•
MB1272(1)
•
MB1407(2)
STM32MP157FAC1
•
Secure Boot and cryptography
•
LCD
•
Wi
‑Fi®
•
Bluetooth® Low Energy
1. Main board.
2. LCD extension board.
2.1
Product marking
The stickers located on the top or bottom side of all PCBs provide product information:
•
First sticker: product order code and product identification, generally placed on the main board featuring
the target device.
Example:
Product order code
Product identification
•
Second sticker: board reference with revision and serial number, available on each PCB.
Example:
MBxxxx-Variant-yzz
syywwxxxxx
On the first sticker, the first line provides the product order code, and the second line the product identification.
On the second sticker, the first line has the following format: “MBxxxx-Variant-yzz”, where “MBxxxx” is the board
reference, “Variant” (optional) identifies the mounting variant when several exist, “y” is the PCB revision, and “zz”
is the assembly revision, for example B01. The second line shows the board serial number used for traceability.
Parts marked as “ES” or “E” are not yet qualified and therefore not approved for use in production. ST is not
responsible for any consequences resulting from such use. In no event will ST be liable for the customer using
any of these engineering samples in production. ST’s Quality department must be contacted prior to any decision
to use these engineering samples to run a qualification activity.
“ES” or “E” marking examples of location:
•
On the targeted STM32 that is soldered on the board (for an illustration of STM32 marking, refer to the
STM32 datasheet Package information paragraph at the www.st.com website).
•
Next to the evaluation tool ordering part number that is stuck, or silk-screen printed on the board.
Some boards feature a specific STM32 device version, which allows the operation of any bundled commercial
stack/library available. This STM32 device shows a “U” marking option at the end of the standard part number
and is not available for sales.
To use the same commercial stack in their applications, the developers might need to purchase a part number
specific to this stack/library. The price of those part numbers includes the stack/library royalties.
STM32MP157D-DK1 STM32MP157F-DK2
Ordering information
DB4022 - Rev 2
page 3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com