Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS00K1 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BOS00K1
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS00K1 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BOS00K1 Datasheet HTML 1Page - Balluff Korea Ltd. BOS00K1 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photoelectric Sensors
BOS 18KF-PA-1PE-S4-C
주문 코드: BOS00K1
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-03
Subject to change without notice: 269117
ETIM 6.0: EC001821
BOS00K1_0.71_2023-03-01
1 / 2
1)
광축, 2) 출력 기능, 3) 안정성, 4) Sn
Basic features
기능 원리
포토 센서
기본 표준
IEC 60947-5-2
등록 상표
글로벌
모델 시리즈
18KF
승인 / 적합성
CE
cULus
WEEE
형태
플랫 실린더
직선 광학 요소
Display/Operation
설정 방법
정격 스위칭 거리 (Sn)
조정기
전위차계 270°
표시
출력 기능 - 황색 LED
안정 - 녹색 LED
Electrical connection
단락 보호
예
역극성 방지
예
연결
커넥터, M12x1-플러그, 4핀
Electrical data
스위칭 주파수
1000 Hz
작동 전압, Ub
10...30 VDC
전압 강하 Ud max. Ie
2 V
정격 동작 전류, Ie
100 mA
정격 사용 전압, Ue DC
24 V
정격 절연 전압, Ui
75 V DC
최대 리플(Ue %)
8 %
최대 무부하 전류 Io(Ue)
35 mA
턴 오프 지연 toff, 최대
0.5 ms
턴 온 지연 ton max.
0.5 ms


Similar Part No. - BOS00K1

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOS0015 BALLUFF-BOS0015 Datasheet
220Kb / 2P
BOS 18E-PO-1YA-E5-D-S4 BOS0015
09-03-17_18:50
BOS0089 BALLUFF-BOS0089 Datasheet
115Kb / 3P
Photoelectric Sensors
2024-10-10
BOS008L BALLUFF-BOS008L Datasheet
117Kb / 3P
Photoelectric Sensors
2024-10-10
BOS008T BALLUFF-BOS008T Datasheet
106Kb / 2P
Photoelectric Sensors
2024-10-10
BOS00JH BALLUFF-BOS00JH Datasheet
102Kb / 2P
Photoelectric Sensors
2024-08-26
More results

Similar Description - BOS00K1

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com