Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40440SPTS Datasheet(PDF) 17 Page - ABB

Part # OVR40440SPTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40440SPTS Datasheet(HTML) 17 Page - ABB

Back Button OVR40440SPTS Datasheet HTML 13Page - ABB OVR40440SPTS Datasheet HTML 14Page - ABB OVR40440SPTS Datasheet HTML 15Page - ABB OVR40440SPTS Datasheet HTML 16Page - ABB OVR40440SPTS Datasheet HTML 17Page - ABB OVR40440SPTS Datasheet HTML 18Page - ABB OVR40440SPTS Datasheet HTML 19Page - ABB OVR40440SPTS Datasheet HTML 20Page - ABB OVR40440SPTS Datasheet HTML 21Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
Surge
Pr
otective
Devices
Low Voltage Products & Systems
16.15
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
16
16
OVR DIN rail SPD - Part number diagram
OVR
T2
3N
40
320
P
TS
U
ABB SPD
Designation
Phases
Surge capacity (Imax) Max voltage (Uc) Pluggable
Auxiliary
UL 1449
Type 2 Apps
1P = No notation
15kA
150 (175V)
contact
3rd
2P = 2L
40kA
320V
(Optional)
Edition
3P = 3L
440V
1P+N = 1N
550V
2P+N = 2N
660V
3P+N = 3N
Choosing the correct model
1) Determine the service voltage
Consult qualified personnel if the facility or operation service voltage is unknown.
2) Select the SPD maximum continuous operating voltage (MCOV, Uc)
The MCOV should correspond to the service voltage.
Example: If the service voltage is 480V Delta, an SPD with 550V or 660V MCOV will be required.
Surge protection devices must also provide a level of protection compatible with the withstand voltage of the equipment. This withstand
voltage depends on the type of equipment and its sensitivity. The incoming surge protector may not provide adequate protection by
itself, as certain electrical phenomena may greatly increase its residual voltage if cable lengths exceed 10m. A second SPD may be
necessary. See Coordination below.
3) Select the SPD surge capacity (Imax)
Surge capacity is the amount of energy the SPD can withstand from a single surge event. The higher the surge capacity, the longer the
device will protect the system. A second surge protector may be required if the surge capacity of the first is not capable of diverting all
surge current to ground. See Coordination below.
4) Remote monitoring (Optional)
Integrated auxiliary contact for remote monitoring available on models with “TS” designation.
Consult the Service Voltage and Location table on page 16.16 for help in the selection of SPDs.
Complete facility protection
Installing surge protection at the main distribution panel is only the beginning of protecting the entire operation. As most transient surges
are created internally, it is necessary to install surge protection at sub-distribution panels (equipment protection) to be fully protected.
Stepping down the Imax level from the service entrance panel toward equipment to be protected is recommended.
For example, if a 40kA Imax SPD is installed in the main distribution panel, then 15kA Imax SPDs should be installed in sub-distribution
panels for equipment protection.
Coordination
It may be necessary to add a second surge protector, wired to the incoming unit, to achieve the required voltage protection and/or
surge capacity. For Type 2 or 4 SPDs, installing this second unit a minimum of 1m from the first unit will allow the two to work together,
achieving the required protection.
Wiring rules
The impedance of the cables increases the voltage across the connected equipment. Therefore, the length of the cable between the
surge protector and the equipment should be minimized.
The surge protective device should be installed as close to the equipment to be protected as possible. If this is not possible (the
equipment is over 30m from the panel), then a second surge protector must be installed.
Product selection
OVR DIN rail SPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com