Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40440SPTS Datasheet(PDF) 12 Page - ABB

Part # OVR40440SPTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40440SPTS Datasheet(HTML) 12 Page - ABB

Back Button OVR40440SPTS Datasheet HTML 8Page - ABB OVR40440SPTS Datasheet HTML 9Page - ABB OVR40440SPTS Datasheet HTML 10Page - ABB OVR40440SPTS Datasheet HTML 11Page - ABB OVR40440SPTS Datasheet HTML 12Page - ABB OVR40440SPTS Datasheet HTML 13Page - ABB OVR40440SPTS Datasheet HTML 14Page - ABB OVR40440SPTS Datasheet HTML 15Page - ABB OVR40440SPTS Datasheet HTML 16Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
Surge
Pr
otective
Devices
16.10
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
16
16
OVR NE12 enclosed SPD
Surge
capacity per
phase
kA
Service voltage
Catalog number
Description
320
480V Delta
OVRNE12320480DX
OVR NE12 enclosed SPD, 480V Delta, 320kA, w/ Surge counter
OVRNE12320480D
OVR NE12 enclosed SPD, 480V Delta, 320kA
480Y/277V
OVRNE12320277YX
OVR NE12 enclosed SPD, 480Y/277V, 320kA, w/ Surge counter
OVRNE12320277Y
OVR NE12 enclosed SPD, 480Y/277V, 320kA
240/120V SP
OVRNE12320120SPX
OVR NE12 enclosed SPD, 240/120V Split phase, 320kA, w/ Surge counter
OVRNE12320120SP
OVR NE12 enclosed SPD, 240/120V Split Phase, 320kA
160
480V Delta
OVRNE12160480DX
OVR NE12 enclosed SPD, 480V Delta, 160kA, w/ Surge counter
OVRNE12160480D
OVR NE12 enclosed SPD, 480V Delta, 160kA
480Y/277V
OVRNE12160277YX
OVR NE12 enclosed SPD, 480Y/277V, 160kA, w/ Surge counter
OVRNE12160277Y
OVR NE12 enclosed SPD, 480Y/277V, 160kA
240/120V SP
OVRNE12160120SPX
OVR NE12 enclosed SPD, 240/120V Split phase, 160kA, w/ Surge counter
OVRNE12160120SP
OVR NE12 enclosed SPD, 240/120V Split phase, 160kA
Replacement power supply and MOV block 1)
Surge
capacity
kA
Service voltage
Catalog number
Description
160
480V Delta
OVR1N160480PS
OVR NE12 Power supply, 480V Delta, 160kA
OVR1N160480
OVR NE12 MOV, 480V Delta, 160kA
480Y/277V
OVR1N160277PS
OVR NE12 Power supply, 480Y/277V, 160kA
OVR1N160277
OVR NE12 MOV, 480Y/277V, 160kA
240/120V SP
OVR1N160120PS
OVR NE12 Power supply, 240/120V split phase, 160kA
OVR1N160120
OVR NE12 MOV, 240/120V split phase, 160kA
1)
Consult the OVR NE12 installation and operation manual (document number 1SXU430222M0201) for power supply and MOV block replacement instructions
Service parts and accessories
Description
Catalog number
Extended description
3P SW 100A J FUSE 600V*
OS100GJ03
Fusible disconnect switch - 480V Delta and 240/120V split phase
3P+N SW 100A J FUSE 600V*
OS100GJ04N2
Fusible disconnect switch - 480Y/277V
PSTL HDL 6X65MM BLACK
OHB65J6
Enclosure door handle for fusible disconnect switch
PSTL SHAFT 6X150MM
OXP6X150
Metal shaft for fusible disconnect switch
3P LUG KIT 100A FUSED (6 LUGS)
OZXA-24
Terminal lug kit
WALL MOUNTING BRACKETS (4)
AA1206
Enclosure mounting brackets
* Fuses by others (Type J 100A)
Product selection
OVR NE12 enclosed SPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com