Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07S Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # 07S
Description  ESP-07S User Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

07S Datasheet(HTML) 4 Page - rfsolutions.ltd

  07S Datasheet HTML 1Page - rfsolutions.ltd 07S Datasheet HTML 2Page - rfsolutions.ltd 07S Datasheet HTML 3Page - rfsolutions.ltd 07S Datasheet HTML 4Page - rfsolutions.ltd 07S Datasheet HTML 5Page - rfsolutions.ltd 07S Datasheet HTML 6Page - rfsolutions.ltd 07S Datasheet HTML 7Page - rfsolutions.ltd 07S Datasheet HTML 8Page - rfsolutions.ltd 07S Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ESP-07S
DS-ESP07S-1
ESP-07S User Manual
1. Preambles
ESP-07S WiFi module is developed by AI-Thinker Co.,Ltd, core processor ESP8266 in smaller sizes of
the module encapsulates Tensilica L106 integrates industry-leading ultra low power 32-bit MCU micro,
with the 16-bit short mode, clock speed support 80 MHz, 160 MHz, supports the RTOS, integrated Wi
-Fi MAC/BB/RF/PA/LNA, on-board antennas.
The module supports standard IEEE802.11 b/g/n agreement, complete TCP/IP protocol stack. Users
can use the add modules to an existing device networking, or building a separate network controller.
ESP8266 is high integration wireless SOCs, designed for space and power constrained mobile platform
designers. It provides unsurpassed ability to embed Wi-Fi capabilities within other systems, or to
function as a standalone application, with the lowest cost, and minimal space requirement.
Figure 1 ESP8266EX Functional Block Diagram
ESP8266EX offers a complete and self-contained Wi-Fi networking solution; it can be used to host the
application or to offload Wi-Fi networking functions from another application processor.
When ESP8266EX hosts the application, it boots up directly from an external flash. In has integrated
cache to improve the performance of the system in such applications.
Alternately, serving as a Wi-Fi adapter, wireless internet access can be added to any micro
Controller based design with simple connectivity (SPI/SDIO or I2C/UART interface).
ESP8266EX is among the most integrated WiFi chip in the industry; it integrates the antenna
switches, RF balun, power amplifier, low noise receive amplifier, filters, power management modules, it
requires minimal external circuitry, and the entire solution, including front-end module, is designed to
occupy minimal PCB area.
ESP8266EX also integrates an enhanced version of Tensilica’s L106 Diamond series 32-bit processor,
with on-chip SRAM, besides the Wi-Fi functionalities. ESP8266EX is often integrated with external
sensors and other application specific devices through its GPIOs; codes for such applications are
provided in examples in the SDK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com