Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07S Datasheet(PDF) 9 Page - rfsolutions.ltd

Part # 07S
Description  ESP-07S User Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

07S Datasheet(HTML) 9 Page - rfsolutions.ltd

Back Button 07S Datasheet HTML 5Page - rfsolutions.ltd 07S Datasheet HTML 6Page - rfsolutions.ltd 07S Datasheet HTML 7Page - rfsolutions.ltd 07S Datasheet HTML 8Page - rfsolutions.ltd 07S Datasheet HTML 9Page - rfsolutions.ltd 07S Datasheet HTML 10Page - rfsolutions.ltd 07S Datasheet HTML 11Page - rfsolutions.ltd 07S Datasheet HTML 12Page - rfsolutions.ltd 07S Datasheet HTML 13Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ESP-07S
DS-ESP07S-1
2.2. Pin Mode
Table 4 Pin Mode
2.3. Antenna interface
ESP-07S Modules through the IPEX interface to connect to external antenna.
The antenna must be in line with the 802.11g/802.11b IEEE standard, and the antenna parameters are
shown in the following table:
Table 5 Antenna parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com