Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD2SW.0201OZ Datasheet(PDF) 3 Page - Chip Quik Inc.

Part # SMD2SW.0201OZ
Description  Indium Solder Wire (In52/Sn48) 0.031" diameter - 10 ft with 2cc SMD291 flux
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPQUIK [Chip Quik Inc.]
Direct Link  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

SMD2SW.0201OZ Datasheet(HTML) 3 Page - Chip Quik Inc.

  SMD2SW.0201OZ Datasheet HTML 1Page - Chip Quik Inc. SMD2SW.0201OZ Datasheet HTML 2Page - Chip Quik Inc. SMD2SW.0201OZ Datasheet HTML 3Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ChipQuik® Solder Wire Orderable Part Numbers:
Continued from previous page
Flux Core
Alloy
Melting Point
Diameter
Size
Orderable Part Number
No-Clean Water-
Washable Synthetic
Flux Core 2.2%
(Except .006" and
.008" diameter wire
which are 1.2%)
Sn96.5/Ag3.0/Cu0.5
217-220°C (423-428°F)
.006" (0.15mm)
50g (1.8oz)
SMDSWLF.006 50g
.008" (0.20mm)
50g (1.8oz)
SMDSWLF.008 50g
.015" (0.38mm)
0.3 oz
SMDSWLF.015 .3OZ
1 oz
SMDSWLF.015 1OZ
2 oz
SMDSWLF.015 2OZ
4 oz
SMDSWLF.015 4OZ
1/2 lb
SMDSWLF.015 8OZ
1 lb
SMDSWLF.015 1LB
.020" (0.5mm)
0.4 oz
SMDSWLF.020 .4OZ
1 oz
SMDSWLF.020 1OZ
2 oz
SMDSWLF.020 2OZ
4 oz
SMDSWLF.020 4OZ
1/2 lb
SMDSWLF.020 8OZ
1 lb
SMDSWLF.020 1LB
.031" (0.8mm)
0.7 oz
SMDSWLF.031 .7OZ
1 oz
SMDSWLF.031 1OZ
2 oz
SMDSWLF.031 2OZ
4 oz
SMDSWLF.031 4OZ
1/2 lb
SMDSWLF.031 8OZ
1 lb
SMDSWLF.031 1LB
Sn99.3/Cu0.7
227°C (441°F)
.012" (0.3mm)
100g (3.5oz)
SMD2SWLF.012 100g
.015" (0.38mm)
0.3 oz
SMD2SWLF.015 .3OZ
1 oz
SMD2SWLF.015 1OZ
2 oz
SMD2SWLF.015 2OZ
4 oz
SMD2SWLF.015 4OZ
1/2 lb
SMD2SWLF.015 8OZ
1 lb
SMD2SWLF.015 1LB
.020" (0.5mm)
0.4 oz
SMD2SWLF.020 .4OZ
1 oz
SMD2SWLF.020 1OZ
2 oz
SMD2SWLF.020 2OZ
4 oz
SMD2SWLF.020 4OZ
1/2 lb
SMD2SWLF.020 8OZ
1 lb
SMD2SWLF.020 1LB
.031" (0.8mm)
0.7 oz
SMD2SWLF.031 .7OZ
1 oz
SMD2SWLF.031 1OZ
2 oz
SMD2SWLF.031 2OZ
4 oz
SMD2SWLF.031 4OZ
1/2 lb
SMD2SWLF.031 8OZ
1 lb
SMD2SWLF.031 1LB
Solid Wire
(No Flux)
Sn42/Bi57/Ag1
138°C (281°F)
.030" (0.762mm)
32 feet
SMDSWLTLFP32
In100
157°C (315°F)
.031" (0.8mm)
10 feet
SMDIN100
In52/Sn48
118°C (244°F)
.031" (0.8mm)
10 feet
SMDIN52SN48
In97/Ag3
143°C (289°F)
.031" (0.8mm)
10 feet
SMDIN97AG3
3
© 1994-2022 Chip Quik® Inc.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com